Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3666-QAG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3666-QAG
Description  5.8-17GHz Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666-QAG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3666-QAG Datasheet HTML 1Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA3666-QAG
5.8-17GHz Low Noise Amplifier
Ref. DSCHA3666-QAG8108 - 17 Apr 08
2/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Electrical Characteristics
Temp = +25°C, P1, N2 = GND (1)
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
5.8
17
GHz
G
Gain (2)
19
21
dB
∆G
Gain flatness
±0.5
dB
NF
Noise figure (2)
1.8
2
dB
IS11I
Input return loss (2)
2.5:1
2.7:1
IS22I
Ouput return loss (2)
2.0:1
2.2:1
IP3
3rd order intercept point
26
dBm
P1dB
Output power at 1dB gain comp (2)(3).
15
16
dBm
Vd1, 2
Drain bias voltage
4
V
Id
Drain bias current
60
80
100
mA
(1) The other leads are not connected.
(2) These values are representative of on board measurements as defined on the drawing
96272 (see below
).
(3) P1dB can be increased (+0.5dBm) when P1& P2 are connected to ground and the other
leads non-connected. In this case Id is typically of 85mA.
Absolute Maximum Ratings (1)
Temp = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.5
V
Pin
RF input power
10
dBm
Top
Operating temperature range
-40 to +85
°C
Tj
Junction temperature
175
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.


Similar Part No. - CHA3666-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
More results

Similar Description - CHA3666-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com