Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3512 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA3512
Description  6-18GHz Low Noise Digital Variable Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3512 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA3512 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3512 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA3512
6-18GHz Digital Variable Amplifier
Ref. : DSCHA35126278 - 05 Oct 06
8/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Chip on wafer Sij parameters for reference state
Tamb = +25°C, Vd1 = +4.5 V, Id = 210 mA , 0dB state (20A = -5V, 20B = 0V).
Freq (GHz) dB(S11) P(S11) (°) dB(S21) P(S21) (°) dB(S12) P(S12) (°) dB(S22) P(S22) (°)
1.0
-5.5
-92.5
-20.7
161.9
-62.1
112.2
-0.5
-57.6
1.5
-8.0
-124.4
-2.7
69.1
-66.5
-40.1
-1.2
-85.9
2.0
-11.1
-149.5
0.3
94.1
-68.7
91.4
-1.5
-107.3
2.5
-13.9
-167.5
10.0
50.3
-64.9
14.8
-1.9
-132.8
3.0
-17.9
170.0
13.8
-2.9
-83.1
140.3
-2.8
-157.7
3.5
-25.6
167.5
15.6
-54.8
-87.8
39.6
-4.7
-175.7
4.0
-28.0
-112.8
16.3
-91.9
-73.1
116.8
-6.1
167.0
4.5
-20.8
-106.6
17.1
-127.4
-67.2
82.5
-8.0
152.1
5.0
-17.8
-121.1
17.6
-161.5
-63.8
57.4
-10.0
140.7
5.5
-16.9
-137.3
18.0
165.7
-61.5
22.6
-12.2
132.5
6.0
-17.4
-152.0
18.2
133.9
-60.0
-7.1
-14.5
127.7
6.5
-19.4
-161.4
18.3
103.0
-57.6
-33.7
-16.7
127.0
7.0
-22.7
-156.8
18.3
72.7
-56.5
-63.6
-18.7
129.8
7.5
-23.3
-123.6
18.2
43.1
-55.2
-89.9
-19.7
136.0
8.0
-19.3
-107.8
18.0
14.2
-54.0
-115.4
-20.2
140.3
8.5
-15.6
-107.5
17.8
-13.9
-53.6
-142.5
-21.1
137.2
9.0
-13.3
-118.9
17.5
-41.2
-53.7
-160.6
-21.5
132.1
9.5
-11.7
-131.3
17.3
-68.0
-52.6
-177.3
-22.9
127.6
10.0
-10.5
-147.0
17.1
-94.5
-51.6
153.2
-24.4
126.2
10.5
-10.2
-161.0
16.9
-120.6
-53.2
131.7
-26.5
125.0
11.0
-10.0
-174.3
16.9
-146.6
-53.3
114.2
-28.6
130.5
11.5
-10.1
172.0
16.9
-173.0
-53.7
99.0
-29.8
142.9
12.0
-10.4
157.6
17.0
159.8
-55.4
76.4
-29.7
148.2
12.5
-11.1
142.7
17.0
131.8
-59.3
61.7
-30.1
140.1
13.0
-12.4
125.9
17.0
102.9
-59.3
48.4
-32.0
109.0
13.5
-14.7
112.4
16.8
74.2
-62.4
-22.1
-34.9
37.3
14.0
-17.6
104.1
16.7
45.8
-59.0
-113.2
-29.6
-36.7
14.5
-20.9
107.6
16.6
16.4
-54.6
-169.8
-25.4
-71.4
15.0
-20.5
120.0
16.6
-14.5
-51.5
171.1
-24.5
-93.5
15.5
-18.4
113.6
16.4
-46.8
-48.0
149.4
-25.2
-99.5
16.0
-16.8
92.0
16.1
-80.4
-45.8
126.8
-25.9
-79.2
16.5
-15.7
63.4
15.5
-114.6
-43.8
100.8
-21.5
-60.8
17.0
-14.9
31.3
14.7
-148.5
-43.3
75.6
-15.9
-66.5
17.5
-14.5
2.8
14.0
175.9
-42.6
52.2
-12.2
-84.5
18.0
-13.8
-20.5
12.9
138.1
-42.4
25.5
-9.6
-106.7
18.5
-12.8
-39.8
11.3
98.1
-43.0
-5.1
-8.4
-131.5
19.0
-11.5
-57.4
8.9
59.2
-45.7
-39.8
-8.3
-154.4
19.5
-10.3
-75.6
6.0
23.7
-50.7
-77.9
-8.9
-174.8
20.0
-9.3
-93.4
3.2
-8.9
-60.5
-154.2
-10.2
167.0
20.5
-8.7
-110.5
0.8
-40.4
-57.9
108.5
-12.1
151.2
21.0
-8.4
-127.9
-0.9
-74.3
-50.5
78.2
-15.0
138.3
21.5
-8.4
-144.2
-1.8
-118.3
-47.7
52.1
-21.2
150.9
22.0
-8.6
-159.1
-3.7
176.5
-44.3
19.4
-15.1
-171.3
22.5
-8.9
-175.4
-8.9
108.2
-45.6
-14.4
-12.2
157.4
23.0
-9.5
167.6
-13.6
57.0
-47.3
-35.8
-12.7
134.3
23.5
-10.4
150.2
-16.4
15.7
-49.2
-46.6
-13.9
117.4
24.0
-11.6
130.5
-18.1
-17.7
-52.6
-62.7
-15.2
103.7


Similar Part No. - CHA3512

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512-99F/00 UMS-CHA3512-99F/00 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results

Similar Description - CHA3512

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514 Datasheet
476Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_08 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_15 Datasheet
220Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA2291 UMS-CHA2291 Datasheet
136Kb / 6P
   10-18GHz Low Noise, Variable Gain Amplifier
CHA2290 UMS-CHA2290 Datasheet
128Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com