Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3511 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3511
Description  6-18GHz Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3511 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3511 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-18GHz Digital Variable Amplifier
CHA3511
Ref. : DSCHA35116286 - 13 Oct 06
3/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum Drain bias voltage ( Pads B,D)
+5
V
Id
Drain bias current with Vd=4.5V
300
mA
Vg
Gate bias voltage (Pads A, C)
-2 to +0.4
V
Vc
Fet switch gate voltage (2)
SPST switch control voltage
-7 to +0.6
V
Pin
Maximum input power overdrive (3)
+20
dBm
Tch
Maximum channel temperature
+175
°C
Ta
Operating temperature range
-40 to +70
°C
Tstg
Storage temperature range
-55 to +125
°C
(
1)Operation of this device above anyone of these parameters may cause permanent
damage.
(2)The switch is ON in the following condition : Pad F=0V & Pad E2=-5V; the switch is OFF
when pad F=-5V & PAD E2=0V
(2) Duration < 1s.
Circuit Biasing Conditions
Drain Voltage on B and D pads=4.5V
Gate voltage adjusted on A and C pads for a drain current =190mA
SPST Control
Configuration
selected
E2
F
-5V
0V
1: Gain
0V
-5V
2: Isolation


Similar Part No. - CHA3511

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
More results

Similar Description - CHA3511

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517_09 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
logo
Transcom, Inc.
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
   6-18GHz 1W Balanced Amplifier Module
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com