Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD57030-01 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. SD57030-01
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030-01 Datasheet(HTML) 2 Page - STMicroelectronics

  SD57030-01 Datasheet HTML 1Page - STMicroelectronics SD57030-01 Datasheet HTML 2Page - STMicroelectronics SD57030-01 Datasheet HTML 3Page - STMicroelectronics SD57030-01 Datasheet HTML 4Page - STMicroelectronics SD57030-01 Datasheet HTML 5Page - STMicroelectronics SD57030-01 Datasheet HTML 6Page - STMicroelectronics SD57030-01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS =10 mA
65
V
IDSS
VGS =0V
VDS =28 V
1
µA
IGSS
VGS =20V
VDS =0 V
1
µA
VGS(Q)
VDS =28V
ID =50 mA
2. 0
5.0
V
VDS(ON)
VGS =10V
ID =3 A
1.3
V
gFS
VDS =10V
ID =3 A
1.8
mho
CISS
VGS =0V
VDS = 28V
f = 1MHz
58
pF
COSS
VGS =0V
VDS = 28V
f = 1MHz
34
pF
CRSS
VGS =0V
VDS = 28V
f = 1MHz
2.4
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
VDD = 28V
f = 945 MHz
IDQ =50 mA
30
W
GPS
VDD =28 V
Pout =30 W
IDQ =50 mA
13
14
dB
ηD
VDD =28 V
Pout =30 W
IDQ =50 mA
50
60
%
Load
Mismatch
f = 945 MHz
VDD =28 V
Pout =30 W
IDQ =50 mA
ALL PHASE ANGLES
10: 1
VSW R
SD57030-01
2/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn