Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD57030-01 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. SD57030-01
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030-01 Datasheet(HTML) 1 Page - STMicroelectronics

  SD57030-01 Datasheet HTML 1Page - STMicroelectronics SD57030-01 Datasheet HTML 2Page - STMicroelectronics SD57030-01 Datasheet HTML 3Page - STMicroelectronics SD57030-01 Datasheet HTML 4Page - STMicroelectronics SD57030-01 Datasheet HTML 5Page - STMicroelectronics SD57030-01 Datasheet HTML 6Page - STMicroelectronics SD57030-01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD57030-01
RF POWER TRANSISTORS
The
LdmoST FAMILY
PRELIMINARY DATA
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
s
EXCELLENT THERMAL STABILITY
s
COMMON SOURCE CONFIGURATION
s
POUT = 30 W with 13 dB gain @ 945 MHz
s
BeO FREE PACKAGE
DESCRIPTION
The SD57030-01 is a common source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The SD57030-01 is designed for high
gain and broadband performance operating in
common source mode at 28V. It is ideal for base
stations applications requiring high linearity.
PIN CONNECTION
January 2000
ABSOLUTE MAXIMUM RATINGS (Tcase =25
oC)
Symbol
Parameter
Val ue
Uni t
V(BR)DSS
Drain Source Voltage
65
V
VGS
Gat e-Source Volt age
± 20
V
ID
Drain Current
4
A
PDISS
Power Dissipation (@ Tc= 70
oC)
74
W
Tj
Max. O perating Junction Temperature
200
oC
TSTG
Storage T emperat ure
-65 to 150
oC
THERMAL DATA
Rth (j-c)
Junction-Case Thermal Resistance
1.75
oC/W
M250
epoxy sealed
®
ORDER CODE
BRANDING
SD57030-01
XSD57030-01
1. Drain
3.Source
2. Gate
1/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn