Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3091A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3091A
Description  DC-40GHz ATTENUATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3091A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3091A Datasheet HTML 1Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 2Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 3Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 4Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 5Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 6Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 7Page - United Monolithic Semiconductors CHA3091A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHT3091a
RoHS COMPLIANT
Ref. : DSCHT3091a6354 - 20 Dec 06
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
DC-40GHz ATTENUATOR
GaAs Monolithic Microwave IC
Description
The CHT3091a is a variable DC-40GHz
attenuator designed for a wide range of
applications,
from
military
to
commercial
communication systems. The backside of the
chip is both RF and DC grounds. This helps
simplify the assembly process.
The circuit is manufactured with a MESFET
process, 0.7µm gate length, via holes through
the substrate and air bridges.
It is supplied in chip form.
Main Features
■ Broadband performances:
DC-40GHz
■ 15dBm minimum input 1dB compression point
(any attenuation)
■ DC bias : -5V<VS<0V ; -5V<VP<0V
■ Chip size: 0.91 x 0.86 x 0.10 mm
.
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
Frequency ( GHz )
CHT3091
Gain control
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
DC
40
GHz
Min Att.
Minimum attenuation |S21| (VS=0V;VP=-5V)
3
dB
Max Att.
Maximum attenuation |S21| (VS=-5V;VP=0V)
20
dB
VSWRin
Input VSWR (any attenuation)
2.:1
VSWRout Output VSWR (any attenuation)
2.:1
Pin1dB
Input 1dB compression point.(any attenuation)
15
dBm
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09


Similar Part No. - CHA3091A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3090-98F UMS-CHA3090-98F Datasheet
448Kb / 12P
   81-86GHz Medium Power Amplifier
CHA3090-98F UMS-CHA3090-98F_15 Datasheet
448Kb / 12P
   81-86GHz Medium Power Amplifier
CHA3092 UMS-CHA3092 Datasheet
112Kb / 7P
   20-33GHz Medium Power Amplifier
CHA3092 UMS-CHA3092 Datasheet
115Kb / 6P
   20-33GHz Medium Power Amplifier
CHA3092-99F/00 UMS-CHA3092-99F/00 Datasheet
112Kb / 7P
   20-33GHz Medium Power Amplifier
More results

Similar Description - CHA3091A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_15 Datasheet
191Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091RCF UMS-CHT3091RCF Datasheet
71Kb / 3P
   DC-40GHz Attenuator
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Knowles Electronics
FPC07802 KNOWLES-FPC07802 Datasheet
409Kb / 2P
   DC to 40GHz 30dB Resistive Coupler
FPC07803 KNOWLES-FPC07803 Datasheet
348Kb / 2P
   DC to 40GHz 20dB Resistive Coupler
PDR05848 KNOWLES-PDR05848 Datasheet
434Kb / 2P
   DC-40GHz Flip Chip Resistive Divider
logo
Vishay Barry
QFN-4420-0522 BARRY-QFN-4420-0522 Datasheet
282Kb / 2P
   DC-40GHz QFN w/ Air Cavity (Al2O3)
REV.F EP 15 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com