Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

407T13BM Datasheet(PDF) 1 Page - CTS Corporation

Part # 407T13BM
Description  Surface Mount Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

407T13BM Datasheet(HTML) 1 Page - CTS Corporation

  407T13BM Datasheet HTML 1Page - CTS Corporation 407T13BM Datasheet HTML 2Page - CTS Corporation 407T13BM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0261-0
Page 1 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 407
Surface Mount Quartz Crystal
FEATURES
• Standard 7.0x5.0mm Surface Mount Footprint
• Stable Frequency Over Temperature and
Drive Level
• Frequency Range 8 – 100 MHz
• Frequency Tolerance, ±30 ppm Standard
(±10 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard
(±10,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant
ORDERING INFORMATION
* Prior to 11/7/06 the part number format did not contain this designator. These "Old Format" numbers (008-0261-0 Rev. E) are still valid with frequencies less than
or equal to 48.0000 MHz as Fundamental Mode designs. Frequencies above 48.0000 MHz will be Third Overtone designs. Refer to PCM-1211 for more details.
F = Fundamental
T = 3RD Overtone
MODE OF OSCILLATION *
Custom performance characteristics are available upon request. Use form C052 to detail
non-standard parameters.
FREQUENCY TOLERANCE @ 25°C
1 = ± 10 ppm
2 = ± 20 ppm
3 = ± 30 ppm (standard)
LOAD CAPACITANCE
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
STABILITY TOLERANCE/TEMPERATURE RANGE
Contact your local CTS Representative or CTS Customer Service for assistance.
1 = ± 10 ppm, -20°C to +70°C
2 = ± 20 ppm, -20°C to +70°C
3 = ± 30 ppm, -20°C to +70°C
4 = ± 40 ppm, -20°C to +70°C
5 = ± 50 ppm, -20°C to +70°C (standard)
6 = ± 20 ppm, -40°C to +85°C
7 = ± 30 ppm, -40°C to +85°C
8 = ± 40 ppm, -40°C to +85°C
9 = ± 50 ppm, -40°C to +85°C
407F35A014M3181 (FO = 14.31818 MHz)
407T39A050M0000
Example Part Numbers:
Over Operating Temperature Range
(Referenced to 25°C Reading)
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
407
DESCRIPTION
The Model 407 is a ceramic packaged Crystal
offering reduced size, ideal for high-density
circuit board applications. The Model 407 offers
reliable precision and excellent shock
performance in wireless telecommunication
devices.


Similar Part No. - 407T13BM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
407 3M-407 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
407 MARATHON-407 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Tyco Electronics
407-05 MACOM-407-05 Datasheet
32Kb / 1P
   #8 STUD, TERMINAL, SPADE
logo
ATGBICS by Approved Tec...
407-10271-C ATGBICS-407-10271-C Datasheet
366Kb / 10P
   407-10271 Dell Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
407-10356-C ATGBICS-407-10356-C Datasheet
375Kb / 10P
   407-10356 Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - 407T13BM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
   Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com