Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5320AV Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5320AV
Description  5-channel Video Buffer with Built-in wideband LPF
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5320AV Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5320AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5320AV Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SM5320A
SEIKO NPC CORPORATION —9
Frequency characteristics (CH-Y/C)
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, GS2 = 04h,
RL = 300Ω, unless otherwise noted.
Output characteristics (CH-1, CH-2, CH-3)
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, GS1 = 04h,
RL = 300Ω, CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA = 227, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Test
level
Min
Typ
Max
Passband attenuation
FPB
fin
= 6MHz/100kHz
– 1.5
0
1.5
dB
I
Stopband attenuation
FSB
fin
= 27MHz/100kHz
30
40
dB
II
Group delay deviation
∆TGD
100kHz to 5MHz
10
ns
II
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Filter mode output gain 1
AVF1
GS1 = 04h
− 0.5
0
0.5
dB
I
Filter mode output gain 2
AVF2
GS1 = 20h
− 2.6
– 2.1
– 1.6
dB
I
Filter mode output gain 3
AVF3
GS1 = 1Fh
1.6
2.1
2.6
dB
I
Filter mode gain step width
AVFstep
0.15
dB
I
Filter bypass mode output gain 1
AVB1
GS1 = 04h
− 0.5
0
0.5
dB
I
Filter bypass mode output gain 2
AVB2
GS1 = 20h
− 2.6
– 2.1
– 1.6
dB
I
Filter bypass mode output gain 3
AVB3
GS1 = 1Fh
1.6
2.1
2.6
dB
I
Filter bypass mode gain step width
AVBstep
0.15
dB
I
Filter bypass mode gain error
dAVBP
Gain error between filter mode and
bypass mode
−± 0.2
dB
I
Channel to channel gain error
dAVCH
−−
± 0.2
dB
I
Maximum output voltage
Vout1
THD
< 1.0%
1.4
Vp-p
I
Output distortion
THD1
VIN = 1.4Vp-p
0.2
1.0
%
I
Drive load resistance
RL
1 load = 300
Ω−
1
load
I
I2C response time
TIC
Response time from ACK bit output
when changing settings using I2C-BUS
−−
1
µsII


Similar Part No. - SM5320AV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Silicon Microstructures...
SM5321 SMI-SM5321 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBES100000 SMI-SM5321BBES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBET100000 SMI-SM5321BBET100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BCES100000 SMI-SM5321BCES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
More results

Similar Description - SM5320AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com