Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437216C04VDTG-10PC Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V437216C04VDTG-10PC
Description  3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 REGISTER PLL ECC SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437216C04VDTG-10PC Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V437216C04VDTG-10PC Datasheet HTML 1Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V437216C04VDTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V437216C04VDTG-10PC
3
V437216C04VDTG-10PC Rev. 1.3 July 2001
Module Part Number Information
Block Diagram
SDRAM
3.3V
4
MOSEL-VITELIC
MANUFACTURED
V
168 PIN REGISTERED
DIMM X 4 COMPONENT
C
REFRESH
RATE 4K
0
3
DEPTH
16
4 BANKS
4
TSOP
WIDTH
72
LVTTL
V
D VERSION
D
GOLD
G
10PC
-
-10PC
PC100 2-2-2
T
RQM0
I/O1–I/O4
10
RCS0
CS
D0–D17
RAS
R
E
G
I
S
T
E
R
VDD
RRAS
D0–D17
CAS
RCAS
D0–D17
WE
RWE
CKE0
R0CKE0, R1CKE0
DQM0–DQM7
RDQM0–RDQM7
CS0, CS
RC0, RCS2
D0–D17
A0–A11
RA0–RA11
D0–D17
BA0, BA1
PLL CLK
PLL
RBA0, RBA1
CLK1–CLK3
REGE
D0–D17
12pF
10K
10K
DQM
I/O1–I/O4
D0
I/O5–I/O8
10
CS
DQM
I/O1–I/O4
D1
RQM4
I/O33–I/O36
10
CS
DQM
I/O1–I/O4
D9
I/O37–I/O40
10
CS
DQM
I/O1–I/O4
D10
RQM1
I/O9–I/O12
10
CS
DQM
I/O1–I/O4
D2
I/O13–I/O16
10
CS
DQM
I/O1–I/O4
D3
RQM5
I/O41–I/O44
10
CS
RQM2
I/O17–I/O20
10
CS
DQM
I/O1–I/O4
D5
I/O21–I/O24
10
CS
DQM
I/O1–I/O4
D6
RQM6
I/O49–I/O52
10
CS
DQM
I/O1–I/O4
D14
I/O53–I/O56
10
CS
DQM
I/O1–I/O4
D15
RQM3
I/O25–I/O28
10
CS
DQM
I/O1–I/O4
D7
I/O29–I/O32
10
CS
DQM
I/O1–I/O4
D8
RQM7
I/O57–I/O60
10
CS
DQM
I/O1–I/O4
D16
I/O61–I/O64
10
CS
DQM
I/O1–I/O4
D17
DQM
I/O1–I/O4
D11
I/O45–I/O48
10
CS
DQM
I/O1–I/O4
D12
CB1–CB3
10
CS
DQM
I/O1–I/O4
D4
CB4–CB7
10
CS
DQM
I/O1–I/O4
D13
RCS2
CLK0
12pF
10K


Similar Part No. - V437216C04VDTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437216C04VDTG-75 MOSEL-V437216C04VDTG-75 Datasheet
221Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE
More results

Similar Description - V437216C04VDTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437216C04VDTG-75 MOSEL-V437216C04VDTG-75 Datasheet
221Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com