Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO27NS05DE-02-10.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CO27NS05DE-02-10.000
Description  OVEN CONTROLLED CRYSTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CO27NS05DE-02-10.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CO27NS05DE-02-10.000 Datasheet HTML 1Page - Crystek Corporation CO27NS05DE-02-10.000 Datasheet HTML 2Page - Crystek Corporation CO27NS05DE-02-10.000 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: CO27VH15DE-02-10.000
Page 1 of 3
PN:CO27VH15DE-02-10.000
Rev. B
FREQUENCY STABILITIES
MIN
TYP
MAX
UNITS
CONDITIONS
Frequency vs Operating Temp
Warm-up Time to within ±200ppb
Frequency vs 5 years aging
Frequency vs 10 years aging
-200
-500
-700
+200
+500
+700
3.00
PPB
PPB
PPB
Minutes
-20° to +80°C
@ +25°C
(referenced to 25°C)
-20° to +80°C
HCMOS OUTPUT
MIN
TYP
MAX
UNITS
CONDITIONS
Signal Level (Voh)
Duty Cycle
4.5
0.5
55
VDC
%
@ (Voh-Vol)/2
Signal Level (Vol)
VDC
Load
45
15
pF
Supply Voltage / Current
MIN
TYP
MAX
UNITS
CONDITIONS
Supply Voltage
Supply Current
+14
+16
300
110
VDC
mA
mA
Steady State
+15
During Warm-up
Applications
Base Stations
RF Sources
Features
High Stability
Excellent Phase Noise
AT-Cut Crystal
HCMOS Output


Similar Part No. - CO27NS05DE-02-10.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CO27VH15DE-02-10-000 CRYSTEKCRYSTAL-CO27VH15DE-02-10-000 Datasheet
61Kb / 2P
   Oven Controlled Crystal Oscillator
logo
CRYSTEK CORPORATION
CO27VH15DE-02-10.000 CRYSTEKMICROWAVE-CO27VH15DE-02-10.000 Datasheet
159Kb / 2P
   Excellent Phase Noise
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Crystek Corporation
CO27VS05DE-02-10_000 CRYSTEKCRYSTAL-CO27VS05DE-02-10_000 Datasheet
94Kb / 3P
   Oven Controlled Crystal Oscillator
CO27VS05DE-02-10 CRYSTEKCRYSTAL-CO27VS05DE-02-10_15 Datasheet
65Kb / 2P
   Oven Controlled Crystal Oscillator
More results

Similar Description - CO27NS05DE-02-10.000

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com