Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1026ZD4I-45-T2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT1026ZD4I-45-T2
Description  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1026ZD4I-45-T2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1026ZD4I-45-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CAT1026, CAT1027
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3010 Rev. M
Characteristics subject to change without notice
DEVICE OPERATION
Reset Controller Description
The CAT1026 and CAT1027 precision RESET
controllers ensure correct system operation during
brownout and power up/down conditions. They are
configured with open drain RESET outputs.
During power-up, the RESET outputs remain active
until VCC reaches the VTH threshold and will continue
driving the outputs for approximately 200ms (tPURST)
after reaching VTH. After the tPURST timeout interval, the
device will cease to drive the reset outputs. At this
point the reset outputs will be pulled up or down by
their respective pull up/down resistors.
During power-down, the RESET outputs will be active
when VCC falls below VTH. The RESET
¯¯¯¯¯¯ output will be
valid so long as VCC is >1.0V (VRVALID). The device is
designed to ignore the fast negative going VCC transi-
ent pulses (glitches).
Reset output timing is shown in Figure 1.
Manual Reset Capability
The RESET
¯¯¯¯¯¯ pin can operate as reset output and
manual reset input. The input is edge triggered; that
is, the RESET
¯¯¯¯¯¯ input will initiate a reset timeout after
detecting a high to low transition.
When RESET
¯¯¯¯¯¯ I/O is driven to the active state, the
200ms timer will begin to time the reset interval. If
external reset is shorter than 200ms, Reset outputs
will remain active at least 200ms.
Monitoring Two Voltages
The CAT1026 and CAT1027 feature a second voltage
sensor, VSENSE, which drives the open drain VLOW
output low whenever the input voltage is below 1.25V.
The auxiliary voltage monitor timing is shown in
Figure 2.
By using an external resistor divider the sense
circuitry can be set to monitor a second supply in the
system. The circuit shown in Figure 3 provides an
externally adjustable threshold voltage, VTH_ADJ to
monitor the auxiliary voltage. The low leakage current
at VSENSE allows the use of large value resistors, to
reduce the system power consumption. The VLOW
output can be externally connected to the RESET
output to generate a reset condition when either of the
supplies is invalid. In other applications, VLOW signal
can be used to interrupt the system controller for an
impending power failure notification.
Data Protection
The CAT1026 and CAT1027 devices have been desig-
ned to solve many of the data corruption issues that
have long been associated with serial EEPROMs. Data
corruption occurs when incorrect data is stored in a
memory location which is assumed to hold correct data.
Whenever the device is in a Reset condition, the
embedded EEPROM is disabled for all operations,
including write operations. If the Reset output(s) are
active, in progress communications to the EEPROM
are aborted and no new communications are allowed.
In this condition an internal write cycle to the memory
can not be started, but an in progress internal non-
volatile memory write cycle can not be aborted. An
internal write cycle initiated before the Reset condition
can be successfully finished if there is enough time
(5ms) before VCC reaches the minimum value of 2 V.
In addition, to avoid data corruption due to the loss of
power supply voltage during the memory internal write
operation, the system controller should monitor the
unregulated DC power. Using the second voltage
sensor, VSENSE, to monitor an unregulated power
supply, the CAT1026 and CAT1027 signals an impen-
ding power failure by setting VLOW low.
Watchdog Timer
The Watchdog Timer provides an independent protec-
tion for microcontrollers. During a system failure, the
CAT1027 device will provide a reset signal after a
time-out interval of 1.6 seconds for a lack of activity.
CAT1027 is designed with the Watchdog timer feature
on the WDI pin. If WDI does not toggle within 1.6
second intervals, the reset condition will be generated
on reset output. The watchdog timer is cleared by any
transition on monitored line.
As long as reset signal is asserted, the watchdog
timer will not count and will stay cleared.


Similar Part No. - CAT1026ZD4I-45-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026ZD4I-45-GT2 CATALYST-CAT1026ZD4I-45-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026ZD4I-45-GT3 CATALYST-CAT1026ZD4I-45-GT3 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Similar Description - CAT1026ZD4I-45-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com