Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM681FT8FU-70L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM681FT8FU-70L
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM681FT8FU-70L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM681FT8FU-70L Datasheet HTML 1Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 2Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 3Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 4Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 5Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 6Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 7Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 8Page - List of Unclassifed Manufacturers EM681FT8FU-70L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM681FV16AU Series
Low Power, 512Kx16 SRAM
2
FEATURES
• Process Technology : 0.15
µm Full CMOS
• Organization : 512K x 16 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V (Min.)
• Three state output and TTL Compatible
• Package Type : 44-TSOP2
GENERAL DESCRIPTION
The EM681FV16AU is fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM681FV16AU-45LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
45ns
2
µA
4mA
44-TSOP2
EM681FV16AU-55LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
55ns
2
µA
4mA
44-TSOP2
EM681FV16AU-70LF
Industrial (-40 ~ 85oC)
2.7V~3.6V
70ns
2
µA
4mA
44-TSOP2
Name
Function
Name
Function
CS
Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O8~15)
A0~A18
Address Inputs
LB
Lower Byte (I/O0~7)
I/O0~I/O15 Data Inputs/outputs
NC
No Connected
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 4096
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16 A17
WE
OE
UB
LB
CS
I/O0 ~ I/O7
I/O8 ~ I/O15
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
A10
PIN DESCRIPTION
A18
PIN DESCRIPTION
44-TSOP2 : Top view


Similar Part No. - EM681FT8FU-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FT8FU-55L EMLSI-EM681FT8FU-55L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FT8FU-55LL EMLSI-EM681FT8FU-55LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FT8FU-85L EMLSI-EM681FT8FU-85L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FT8FU-85LL EMLSI-EM681FT8FU-85LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM681FT8FU-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com