Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1320LI-42GT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1320LI-42GT3
Description  Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1320LI-42GT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1320LI-42GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1320LI-42GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
CAT1320, CAT1321
Supervisory Circuits with I2C Serial 32K CMOS EEPROM
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. MD-3014, Rev. B.
ALO
GEN FR
TM
LEAD FREE
FEATURES
s Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
- +5.0V (+/- 5%, +/- 10%)
- +3.3V (+/- 5%, +/- 10%)
- +3.0V (+/- 10%)
s Active low reset, CAT1320
s Active high reset, CAT1321
s Valid reset guaranteed at V
CC=1V
s 400kHz I2C bus
s 3.0V to 5.5V operation
s Low power CMOS technology
s 64-Byte page write buffer
s 1,000,000 Program/Erase cycles
s 100 year data retention
s 8-pin DIP, SOIC, TSSOP and TDFN packages
s Industrial temperature range
PIN CONFIGURATION
DESCRIPTION
The CAT1320 and CAT1321 are complete memory and
supervisory solutions for microcontroller-based systems.
A 32kbit serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together in low power CMOS technology. Memory
interface is via a 400kHz I2C bus.
The CAT1320 provides a precision VCC sense circuit
and drives an open drain output,
RESET low whenever
VCC falls below the reset threshold voltage.
The CAT1321 provides a precision VCC sense circuit
that drives an open drain output, RESET high whenever
VCC falls below the reset threshold voltage.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals become
active, preventing the system microcontroller, ASIC or
peripherals from operating. Reset signals become inactive
typically 200 ms after the supply voltage exceeds the reset
threshold level. With both active high and low reset options,
interface to microcontrollers and other ICs is simple. In
addition, the
RESET (CAT1320) pin can be used as an
input for push-button manual reset capability.
The CAT1320/21 memory features a 64-byte page. In
addition, hardware data protection is provided by a VCC
sense circuit that prevents writes to memory whenever VCC
falls below the reset threshold or until VCC reaches the reset
threshold during power up.
Available packages include an 8-pin DIP, SOIC, TSSOP
and 4.9 x 3mm TDFN.
PDIP (L) SOIC (W)
TDFN PACKAGE: 4.9MM X 3MM
(ZD2)
TSSOP (Y)
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1320
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1321
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1320
1
2
3
4
8
7
6
5
CAT1321
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1320
A0
A1
A2
VSS
VCC
RESET
SCL
SDA
CAT1321
A0
A1
A2
VSS
1
2
3
4
8
7
6
5


Similar Part No. - CAT1320LI-42GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320LI-42GT3 CATALYST-CAT1320LI-42GT3 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

Similar Description - CAT1320LI-42GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com