Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1027ZI-28-GT2 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT1027ZI-28-GT2
Description  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1027ZI-28-GT2 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT1027ZI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1027ZI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CAT1026, CAT1027
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3010 Rev. M
Characteristics subject to change without notice
CAPACITANCE
TA = 25ºC, f = 1.0MHz, VCC = 5V
Symbol
Test
Test Conditions
Max
Units
COUT
(1)
Output Capacitance
VOUT = 0V
8
pF
CIN
(1)
Input Capacitance
VIN = 0V
6
pF
AC CHARACTERISTICS
VCC = 2.7V to 5.5V and over the recommended temperature conditions, unless otherwise specified.
Memory Read & Write Cycle
(2)
Symbol
Parameter
Min
Max
Units
fSCL
Clock Frequency
400
kHz
tSP
Input Filter Spike Suppression (SDA, SCL)
100
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tR
(1)
SDA and SCL Rise Time
300
ns
tF
(1)
SDA and SCL Fall Time
300
ns
tHD; STA
Start Condition Hold Time
0.6
µs
tSU; STA
Start Condition Setup Time (for a Repeated Start)
0.6
µs
tHD; DAT
Data Input Hold Time
0
ns
tSU; DAT
Data Input Setup Time
100
ns
tSU; STO
Stop Condition Setup Time
0.6
µs
tAA
SCL Low to Data Out Valid
900
ns
tDH
Data Out Hold Time
50
ns
tBUF
(1)
Time the Bus must be Free Before a New Transmission Can Start
1.3
µs
tWC
(3)
Write Cycle Time (Byte or Page)
5
ms
Notes:
(1) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(2) Test Conditions according to “AC Test Conditions” table.
(3) The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the
write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address.


Similar Part No. - CAT1027ZI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1027ZI-28-GT2 CATALYST-CAT1027ZI-28-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Similar Description - CAT1027ZI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com