Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT812TTBI-T10 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT812TTBI-T10
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT812TTBI-T10 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT812TTBI-T10 Datasheet HTML 2Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 9Page - Catalyst Semiconductor CAT812TTBI-T10 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT811, CAT812
Doc. No. MD-3005 Rev. S
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DETAILED DESCRIPTION
RESET TIMING
The reset signal is asserted LOW for the CAT811 and
HIGH for the CAT812 when the power supply voltage
falls below the threshold trip voltage and remains
asserted for at least 140ms after the power supply
voltage has risen above the threshold.
Figure 1. Reset Timing Diagram
VCC TRANSIENT RESPONSE
The CAT811/812 protect µPs against brownout
failure. Short duration transients of 4µs or less and
100mV amplitude typically do not cause a false
RESET.
Figure 2 shows the maximum pulse duration of
negative-going VCC transients that do not cause a
reset condition.
As the amplitude of the transient goes further below
the threshold (increasing VTH - VCC), the maximum
pulse duration decreases. In this test, the VCC starts
from an initial voltage of 0.5V above the threshold and
drops below it by the amplitude of the overdrive
voltage (VTH - VCC).
Figure 2. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
30
25
20
15

10
5
0
RESET OVERDRIVE VTH - VCC (mV)
1
10
100
1000
TAMB = 25°C
CAT8xxM
CAT8xxZ
5V
0V
5V
0V
5V
0V
CAT811
CAT812
Threshold
Voltage
140ms
minimum
Reset Timeout Period
Power
Supply
Voltage
RESET
RESET


Similar Part No. - CAT812TTBI-T10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812TTBI-T10 CATALYST-CAT812TTBI-T10 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT812TTBI-T10 ONSEMI-CAT812TTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Similar Description - CAT812TTBI-T10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com