Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1320ZD2I-45GT3 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT1320ZD2I-45GT3
Description  Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1320ZD2I-45GT3 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT1320ZD2I-45GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1320ZD2I-45GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
CAT1320, CAT1321
Doc. No. MD-3014, Rev. B
PIN DESCRIPTION
RESET/
RESET
RESET
RESET
RESET
RESET:
RESET OUTPUTS
These are open-drain pins and
RESET can also be used
as a manual reset trigger input. By forcing a reset condition
on the pin the device will initiate and maintain a reset
condition. The RESET pin must be connected through a
pull-down resistor and the
RESET pin must be connected
through a pull-up resistor.
SDA:
SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to trans-
fer all data into and out of the device. The SDA pin is an
open drain output and can be wire-ORed with other open
drain or open collector outputs.
BLOCK DIAGRAM — CAT1320, CAT1321
PIN FUNCTIONS
Pin Name
Function
RESET
Active Low Reset Input/Output (CAT1320)
VSS
Ground
SDA
Serial Data/Address
SCL
Clock Input
RESET
Active High Reset Output (CAT1321)
VCC
Power Supply
OPERATING TEMPERATURE RANGE
Industrial
-40˚C to 85˚C
Part Dash
Minimum
Maximum
Number
Threshold
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
Threshold Voltage Options
SCL:
SERIAL CLOCK
Serial clock input.
A0, A1, A2:
DEVICE ADDRESS INPUTS
When hardwired, up to eight CAT1320/21 devices may
be addressed on a single bus system (refer to Device
Addressing). When the pins are left unconnected, the
default values are zeros.
32kbit
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET (CAT1320)
RESET (CAT1321)
A0
A1
A2


Similar Part No. - CAT1320ZD2I-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320ZD2I-45GT3 CATALYST-CAT1320ZD2I-45GT3 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

Similar Description - CAT1320ZD2I-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com