Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1162WI-30-T3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT1162WI-30-T3
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1162WI-30-T3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT1162WI-30-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 12Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 13Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWINGS
PDIP 8-Lead 300mils (L)
(1)(2)
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-001.
E1
D
A
L
eb
b2
A1
A2
E
eB
c
TOP VIEW
SIDE VIEW
END VIEW
PIN # 1
IDENTIFICATION
SYMBOL
MIN
NOM
MAX
A5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.25
e
2.54 BSC
E1
6.10
6.35
7.11
eB
7.87
10.92
L
2.92
3.30
3.80
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT1162WI-30-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1162WI-30-GT2 CATALYST-CAT1162WI-30-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1162WI-30-GT3 CATALYST-CAT1162WI-30-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

Similar Description - CAT1162WI-30-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com