Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT825ZSDI-G Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT825ZSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT825ZSDI-G Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT825ZSDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT825ZSDI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (continued)
DC Characteristics: VCC = 3.0V to 5.5V for L/M versions; VCC = 2.0V to 3.6V for the R/S/T/Y/Z version,
-40ºC ≤ TA ≤ +85ºC unless otherwise noted. Typical Values at TA = 25ºC and VCC = 5V for L/M versions;
VCC = 3.3V for the T/S versions; VCC = 3.0V for the R version; and VCC = 2.5V for the Y/Z versions.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WATCHDOG INPUT (CAT823 & CAT824)
tWD
Watchdog Timeout Period
1.12
1.60
3.20
s
tWDI
WDI Pulse Width
VIL = 0.4V, VIH = 0.8 x VCC
50
ns
VIL
0.3 x VCC
VIH
WDI Input Voltage
(3)
0.7 x VCC
V
WDI = VCC, Time Average
120
160
WDI Input Current
(4)
WDI = 0V, Time Average
-20
-15
µA
MANUAL RESET INPUT(CAT823 & CAT825)
VIL
0.3 x VCC
VIH
MR
¯¯¯ Input Voltage
0.7 x VCC
V
tPB
MR
¯¯¯ Pulse Width
1
µs
tPDLY
MR
¯¯¯ low to Reset Delay
5
µs
MR
¯¯¯ Noise Immunity
Pulse Width with No Reset
100
ns
MR
¯¯¯ Pullup Resistance (internal)
35
52
75
kΩ
Notes:
(3) WDI is internally serviced within the watchdog period if WDI is left open.
(4) The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to a
three-stated output device can be disabled in the tristate mode as long as the leakage current is less than 10µA and a maximum
capacitance of less than 200pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200µA
when active.


Similar Part No. - CAT825ZSDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT825ZSDI-G CATALYST-CAT825ZSDI-G Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT825ZSDI-GT3 ONSEMI-CAT825ZSDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT825ZSDI-GT3 ONSEMI-CAT825ZSDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT825ZSDI-GT3 ONSEMI-CAT825ZSDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT825ZSDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com