Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT811RTBI-GT10 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT811RTBI-GT10
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811RTBI-GT10 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT811RTBI-GT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT811RTBI-GT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT811, CAT812
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-3005 Rev. S
Characteristics subject to change without notice
4-Pin Microprocessor Power Supply Supervisors
with Manual Reset
FEATURES
Precision monitoring of
+5.0 V (± 5%, ± 10%, ± 20%),
+3.3 V (± 5%, ± 10%),
+3.0 V (± 10%) and
+2.5 V (± 5%) power supplies
Manual reset input
Offered in two output configurations:
CAT811: Active LOW reset
CAT812: Active HIGH reset
Direct replacements for the MAX811 and
MAX812 in applications operating over the
industrial temperature range
Reset valid down to VCC = 1.0V
6µA power supply current
Power supply transient immunity
Available in SOT-143 packages with Sn or
NiPdAu Green Lead finishes.
Industrial temperature range: -40ºC to +85ºC
APPLICATION
Computers, Servers, Laptops
Cable modems
Wireless communications
Embedded control systems
White goods
Power meters
Intelligent instruments
PDAs and handheld equipment
DESCRIPTION
The CAT811 and CAT812 are microprocessor supervi-
sory circuits that monitor power supplies. The CAT811
and CAT812 are direct replacements for the MAX811
and MAX812 in applications operating over the industrial
temperature range; both have a manual reset input.
These devices generate a reset signal, which is
asserted while the power supply voltage is below a
preset threshold level and for at least 140ms after the
power supply level has risen above that level. The
underlying floating gate technology, AE
2(TM) used by
Catalyst Semiconductor, makes it possible to offer any
custom reset threshold value. Seven industry
standard threshold levels are offered to support
+5.0V, +3.3V, +3.0V and +2.5V systems.
The CAT811 features a RESET push-pull output
(active LOW) and the CAT812 features a RESET
push-pull output (active HIGH).
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at
Vcc levels as low as 1.0 V.
The CAT811/812 are fully specified over the industrial
temperature range (-40°C to 85°C) and are available
in a compact 4-pin SOT-143 package.
For Ordering Information details, see page 10.
THRESHOLD SUFFIX SELECTOR
DESCRIPTION
Nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
PIN CONFIGURATION
4 VCC
GND 1
RESET
¯¯¯¯¯¯ 2
3 MR
¯¯¯
CAT811
CAT812


Similar Part No. - CAT811RTBI-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811RTBI-GT10 ONSEMI-CAT811RTBI-GT10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Similar Description - CAT811RTBI-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com