Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OD-880LJ Datasheet(PDF) 1 Page - OptoDiode Corp

Part No. OD-880LJ
Description  HI-REL GaAlAs IR EMITTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-880LJ Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-880LJ Datasheet HTML 1Page - OptoDiode Corp OD-880LJ Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone (805) 499-0335 FAX (805) 499-8108
HI-REL GaAlAs IR EMITTERS
OD-880LJ
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10µs, 400Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
190mW
100mA
3A
5V
240°C
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
FEATURES
• High reliability LPE GaAlAs IRLEDs
• High power output
• 880nm peak emission
• Hermetically sealed TO-46 package
• MIL-S-19500 screening available
• No internal coatings
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified. Window
caps are welded to the case.
Total Power Output, Po
Peak Emission Wavelength, λP
Spectral Bandwidth at 50%, ∆λ
Half Intensity Beam Angle, θ
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
IF = 100mA
IF = 50mA
IF = 100mA
IR = 10µA
VR = 0V
6
5
8.5
880
80
35
1.55
30
17
0.5
0.5
1.9
mW
nm
nm
Deg
Volts
Volts
pF
µ
sec
µ
sec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-65°C TO 150°C
150°C
370°C/W Typical
120°C/W Typical
THERMAL PARAMETERS
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads
2Air circulating at a rapid rate to keep case temperature at 25°C
1 of 2
.017
.100
.036
.041
45°
GLASS
DOME
1.00
MIN.
.024
.043
.143
.150
.015
.209
.220
.183
.186
.152
.156
ANODE
(CASE)
CATHODE
OPTO DIODE CORP.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OD-50J HI-REL GaAlAs IR EMITTERS 1  2  OptoDiode Corp
OD-880WJ HI-REL GaAlAs IR EMITTERS 1  2  OptoDiode Corp
OD-880PP HI-REL GaAlAs IR EMITTERS 1  2  OptoDiode Corp
SFH4580_02 GaAlAs Infrared Emitters 880 nm in SMR® Package 1  2  3  4  5  More OSRAM GmbH
OD-880L HIGH-POWER GaAlAs IR EMITTERS 1  2  List of Unclassifed Manufacturers
OD-780W SELECTED WAVELENGTH GaAlAs EMITTERS 1  OptoDiode Corp
OD-148W HIGH-POWER GaAlAs IR EMITTERS 1  2  OptoDiode Corp
OD-100 SUPER HIGH-POWER GaAlAs IR EMITTERS 1  2  OptoDiode Corp
OD-50W SUPER HIGH-POWER GaAlAs IR EMITTERS 1  2  OptoDiode Corp
OD-50L SUPER HIGH-POWER GaAlAs IR EMITTERS 1  2  OptoDiode Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn