Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP5032M7680LBBK Datasheet(PDF) 4 Page - CTS Corporation

Part # CP5032M7680LBBK
Description  5x3.2mm and 7x5mm Low Cost Programmable Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CP5032M7680LBBK Datasheet(HTML) 4 Page - CTS Corporation

  CP5032M7680LBBK Datasheet HTML 1Page - CTS Corporation CP5032M7680LBBK Datasheet HTML 2Page - CTS Corporation CP5032M7680LBBK Datasheet HTML 3Page - CTS Corporation CP5032M7680LBBK Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0321-0
Page 4 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model CP5 and CP7
5x3.2mm and 7x5mm Low Cost
Programmable Clock Oscillator
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
PACKAGING INFORMATION
Contact CTS Distributors for quantity requirements and mechanical details for each packaging option.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
400 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1
minute transfer time between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3
mutually perpendicular planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles
each in 3 mutually perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at
+125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
High Temperature Operating Bias:
2,000 hours at +125°C, maximum bias, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, full bias, less than ±5 ppm shift.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.


Similar Part No. - CP5032M7680LBBK

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CP503 CDIL-CP503 Datasheet
220Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
List of Unclassifed Man...
CP5030 ETC1-CP5030 Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
logo
CUI INC
CP50301541 CUI-CP50301541 Datasheet
691Kb / 8P
   PELTIER MODULE
CP50301541 CUI-CP50301541 Datasheet
701Kb / 8P
   PELTIER MODULE
logo
List of Unclassifed Man...
CP5030A ETC1-CP5030A Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
More results

Similar Description - CP5032M7680LBBK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
   7x5mm Low Cost clock Oscillator
logo
Connor-Winfield Corpora...
7213 CONNOR-WINFIELD-7213 Datasheet
138Kb / 2P
   3.3V LVCMOS SURFACE MOUNT 5x3.2mm CLOCK OSCILLATOR
7143 CONNOR-WINFIELD-7143 Datasheet
251Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7113 CONNOR-WINFIELD-7113 Datasheet
168Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com