Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT706RZI-G Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT706RZI-G
Description  關P Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT706RZI-G Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT706RZI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT706RZI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT705, CAT706, CAT813
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3030, Rev. A
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (continued)
VCC = 4.50V to 5.5V for CAT705, CAT706 & CAT813 versions;
VCC = 3.0V to 3.6V for the CAT706 R/S/T version,
-40°C ≤ TA ≤ +85°C unless otherwise noted.
Typical values at TA = 25°C and VCC = 5V for CAT705, CAT706, & CAT813 versions;
VCC = 3.3V for the CAT706 T/S versions; VCC = 3.0V for the CAT706 R version.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WATCHDOG INPUT (CAT705, CAT706 & CAT813)
tWD
Watchdog Timeout Period
1.00
1.60
2.25
s
tWDI
WDI Pulse Width
VIL = 0.4V, VIH = 0.8 x VCC
50
ns
VIL
0.3 x VCC
VIH
WDI Input Voltage
(3)
0.7 x VCC
V
WDI = VCC, Time Average
50
150
WDI Input Current
(4)
WDI = 0V, Time Average
-150
-50
µA
ISOURCE = -800µA
VCC – 1.5
VCC – 0.25
WDO Output Voltage
ISINK = 1.2mA
0.1
0.4
V
MANUAL RESET INPUT(CAT705, CAT706 & CAT813)
VIL
0.3 x VCC
VIH
MR
¯¯¯ Input Voltage
0.7 x VCC
V
MR
¯¯¯ Pull-up Current
MR
¯¯¯ = 0V
40
70
140
µA
tPB
MR
¯¯¯ Pulse Width
1
µs
tPDLY
MR
¯¯¯ low to Reset Delay(5)
5
µs
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
ISOURCE = -800µA
VCC - 1.5V
V
PFO
¯¯¯¯ Output Voltage
ISINK = 3.2mA
0.4
V
Notes:
(3) WDI is internally serviced within the watchdog period if WDI is left open.
(4) The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to a
three-stated output device can be disabled in the tristate mode as long as the leakage current is less than 10µA and a maximum
capacitance of less than 200pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200µA
when active.
(5) RESET
¯¯¯¯¯¯ for CAT705 & CAT706 & RESET for CAT813.


Similar Part No. - CAT706RZI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT706RZI-G ONSEMI-CAT706RZI-G Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
CAT706RZI-GT3 ONSEMI-CAT706RZI-GT3 Datasheet
137Kb / 12P
   uP Supervisory Circuits
April, 2012 ??Rev. 7
More results

Similar Description - CAT706RZI-G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com