Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT525LI Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT525LI
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT525LI Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT525LI Datasheet HTML 7Page - Catalyst Semiconductor CAT525LI Datasheet HTML 8Page - Catalyst Semiconductor CAT525LI Datasheet HTML 9Page - Catalyst Semiconductor CAT525LI Datasheet HTML 10Page - Catalyst Semiconductor CAT525LI Datasheet HTML 11Page - Catalyst Semiconductor CAT525LI Datasheet HTML 12Page - Catalyst Semiconductor CAT525LI Datasheet HTML 13Page - Catalyst Semiconductor CAT525LI Datasheet HTML 14Page - Catalyst Semiconductor CAT525LI Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT525
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-2001 Rev. H
Characteristics subject to change without notice
Staircase Window Comparator
Overlapping Window Comparator
GND
VREFL
+5V
10kΩ
LM339
WINDOW 1
WINDOW 2
+
+
VDD
+5V
VREFH
VREF
VIN
VPP
CS
DI
DO
CLK
PROG
CAT525
DPP1
DPP2
+5V
10kΩ
+
+5V
10kΩ
WINDOW 3
+
+
+
WINDOW 4
DPP3
+5V
10kΩ
+
+5V
10kΩ
1.0µF
WINDOW 5
+
+
+
DPP4
VREF
VOUT2
VOUT1
VOUT4
VOUT3
GND
WINDOW 1
WINDOW 2
WINDOW 3
WINDOW 4
WINDOW 5
WINDOW STRUCTURE
LM339
GND
VREFL
+5V
10kΩ
WINDOW 1
WINDOW 2
WINDOW 3
+
+
VDD
+5V
VREFH
VREF
VIN
DPP1
VPP
CS
DI
DO
CLK
PROG
CAT525
DPP2
DPP3
+5V
10kΩ
+
+
DPP4
+5V
10kΩ
+
+
1.0µF
WINDOW STRUCTURE
VREFH
VOUT2
VOUT1
VOUT4
VOUT3
GND
WINDOW 1
WINDOW 2
WINDOW 3


Similar Part No. - CAT525LI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525LI CATALYST-CAT525LI Datasheet
254Kb / 16P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT525LI ONSEMI-CAT525LI Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
CAT525LI-T1 ONSEMI-CAT525LI-T1 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT525LI-TE10 CATALYST-CAT525LI-TE10 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT525LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com