Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT37TDI-T3 Datasheet(PDF) 8 Page - Texas Instruments

Part # CAT37TDI-T3
Description  CMOS White LED Driver Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37TDI-T3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CAT37TDI-T3 Datasheet HTML 4Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 5Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 6Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 7Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 8Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 9Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 10Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 11Page - Texas Instruments CAT37TDI-T3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT37
Doc. No. MD-5005 Rev. T
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
LED DIMMING WITH DC SIGNAL
Dimming the LEDs can be done by applying a variable
DC voltage as shown on Figure 3. As the VDC increase
the voltage across R1 decreases and therefore lower
the LED current. The resistors R2 and R3 must be
large enough so that their current (tens of µA) is much
smaller than the LED current but much larger than the
FB leakage current (IFB). When adjusting VDC between
0V and 2V, the resistors shown on Figure 3 will set
the LED current between 0mA and 15mA.
LED DIMMING WITH PWM SIGNAL
PWM brightness control provides the widest dimming
range (greater than 20:1). By turning the LEDs ON
and OFF using the control signal, the LEDs operate at
either zero or full current, but their average current
changes with the PWM signal duty cycle. Typically, a
5kHz to 40kHz PWM signal is used.
A filtered PWM signal is used to dim the LEDs, as
shown in Figure 4.
In addition to providing the widest dimming range,
PWM brightness control also ensures the “purest”
white LED color over the entire dimming range. The
true color of a white LED changes with operating
current, and is the “purest” white at a specific forward
current, usually 15mA or 20mA. If the LED current is
less than or more than this value, the emitted light
becomes more blue. Applications involving color
LCDs can find the blue tint objectionable.
LED DIMMING WITH A LOGIC SIGNAL
For applications that need to adjust the LED
brightness in discrete steps, a logic signal can be
used as shown in Figure 5. R1 sets the minimum LED
current value (when the NMOS switch is OFF):
RINCR determines how much LED current increases
when the external NMOS switch is turned ON.
PCB LAYOUT GUIDELINES
The CAT37 is a high-frequency switching regulator
where proper PCB board layout and component
placement can minimize noise and radiation and
increase efficiency. To maximize efficiency, the
CAT37 design has fast switch rise and fall times. To
prevent radiation and high frequency resonance
problems minimize the length and area of all traces
connected to the SW pin and use a ground plane
under the switching regulator.
The SW pin, schottky diode and capacitor C2 signal
path should be kept as short as possible. The ground
connection for the R1 resistor should be tied directly to
the GND pin and not be shared with other components.
Figure 3. Dimming with a
DC Voltage
Figure 4. Dimming with a
Filtered PWM Signal
Figure 5. Dimming with a
Logic Signal
VDC
R3
18kΩ
R2
1kΩ
R1
6.3Ω
CAT37
FB
2N7002
RINCR
R1
6.3Ω
CAT37
FB
Logic
Signal
PWM
R3
18kΩ
0.1µF
10kΩ
R2
1kΩ
R1
6.3Ω
CAT37
FB
)
MIN
(
LED
I
V
095
.
0
=
1
R
)
INCREASE
(
LED
INCR
I
V
095
.
0
=
R


Similar Part No. - CAT37TDI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
More results

Similar Description - CAT37TDI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com