Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900EG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM2900EG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900EG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM2900EG4 Datasheet HTML 1Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 2Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 3Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 4Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 5Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 6Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 7Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 8Page - Burr-Brown (TI) PCM2900EG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2900
PCM2902
SLES035E – MARCH 2007 – REVISED MARCH 2008
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2900E, PCM2902E
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DC ACCURACY
% of
Gain mismatch channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±2
FSR
DYNAMIC PERFORMANCE(1)
VOUT = 0 dB
0.005%
0.016%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
ANALOG OUTPUT
VO
Output voltage
0.6 VCCCI
Vp-p
Center voltage
0.5 VCCCI
V
Load impedance
AC coupling
10
k
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
Digital filter performance
Pass band
0.445 fS
Hz
Stop band
0.555 fS
Hz
Pass-band ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3 fS
s
POWER SUPPLY REQUIREMENTS
VBUS
Voltage range
4.35
5
5.25
VDC
ADC, DAC operation
56
67
mA
Supply current
Suspend mode(2)
210
µA
ADC, DAC operation
280
352
PD
Power dissipation
mW
Suspend mode(2)
1.05
Internal power supply
VCCCI, VCCP1I, VCCP2I,
3.25
3.35
3.5
VDC
voltage
VCCXI, and VDDI
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θ
JA
Thermal resistance
100
°C/W
(1)
fOUT = 1 kHz, using a System Two audio measurement system by Audio Precision in the RMS mode with 20-kHz LPF, 400-Hz HPF.
(2)
Under USB suspend state
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2900 PCM2902


Similar Part No. - PCM2900EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900EG4 BURR-BROWN-PCM2900EG4 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900EG4 TI1-PCM2900EG4 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com