Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1401QPHPEP Datasheet(PDF) 16 Page - Texas Instruments

Part # THS1401QPHPEP
Description  14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1401QPHPEP Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS1401QPHPEP Datasheet HTML 12Page - Texas Instruments THS1401QPHPEP Datasheet HTML 13Page - Texas Instruments THS1401QPHPEP Datasheet HTML 14Page - Texas Instruments THS1401QPHPEP Datasheet HTML 15Page - Texas Instruments THS1401QPHPEP Datasheet HTML 16Page - Texas Instruments THS1401QPHPEP Datasheet HTML 17Page - Texas Instruments THS1401QPHPEP Datasheet HTML 18Page - Texas Instruments THS1401QPHPEP Datasheet HTML 19Page - Texas Instruments THS1401QPHPEP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
THS1401-EP THS1403-EP THS1408-EP
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
WITH INTERNAL REFERENCE AND PGA
SGLS129A – JULY 2002 – REVISED NOVEMBER 2002
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 4. Control Register, Address 3, Read
BIT
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Function
PWD
REF
FOR
TM2
TM1
TM0
OFF
RES
RES
RES
RES
RES
RES
RES
Table 5. Control Register, Address 3, Write
BIT
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Function
PWD
REF
FOR
TM2
TM1
TM0
OFF
RES
RES
RES
RES
RES
RES
RES
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PWD:
Power down
0 = normal operation
1 = power down
REF:
Reference select
0 = internal reference
1 = external reference
FOR:
Output format
0 = straight binary
1 = 2s complement
TM2–0:
Test mode
000 = normal operation
001 = both inputs = REF–
010 = IN+ at Vref/2, IN– at REF–
011 = IN+ at REF+, IN– at REF–
100 = normal operation
101 = both inputs = REF+
110 = IN+ at REF–, IN– at Vref/2
111 = IN+ at REF–, IN– at REF+
OF:
Offset correction
0 = enable
1 = disable
RES
Reserved
Must be set to 0.


Similar Part No. - THS1401QPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401QPHP TI-THS1401QPHP Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1401QPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Burr-Brown (TI)
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com