Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063AQDRJR Datasheet(PDF) 3 Page - Texas Instruments

Part # MC33063AQDRJR
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063AQDRJR Datasheet(HTML) 3 Page - Texas Instruments

  MC33063AQDRJR Datasheet HTML 1Page - Texas Instruments MC33063AQDRJR Datasheet HTML 2Page - Texas Instruments MC33063AQDRJR Datasheet HTML 3Page - Texas Instruments MC33063AQDRJR Datasheet HTML 4Page - Texas Instruments MC33063AQDRJR Datasheet HTML 5Page - Texas Instruments MC33063AQDRJR Datasheet HTML 6Page - Texas Instruments MC33063AQDRJR Datasheet HTML 7Page - Texas Instruments MC33063AQDRJR Datasheet HTML 8Page - Texas Instruments MC33063AQDRJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SLLS654A – APRIL 2005 – REVISED JANUARY 2007
MC33063AQ1
1.5A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
40
V
TA
Operating free-air temperature range
MC33063A
−40
125
°C
electrical characteristics, VCC = 5 V, TA = full operating range (unless otherwise noted) (see block
diagram)
OSCILLATOR
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
VPIN5 = 0 V, CT = 1 nF
25
°C
24
33
42
kHz
Ichg
Charge current
VCC = 5 V to 40 V
25
°C
24
35
42
µA
Idischg
Discharge current
VCC = 5 V to 40 V
25
°C
140
220
260
µA
Idischg/Ichg
Discharge-to-charge current ratio
VPIN7 = VCC
25
°C
5.2
6.5
7.5
VIpk
Current-limit sense voltage
Idischg = Ichg
25
°C
250
300
350
mV
OUTPUT SWITCH (see Note 3)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VCE(sat)
Saturation voltage – Darlington
connection
ISW = 1 A, pins 1 and 8 connected
Full range
1
1.3
V
VCE(sat)
Saturation voltage – non-Darlington
connection (see Note 4)
ISW = 1 A, RPIN8 = 82 Ω to VCC,
forced
b  20
Full range
0.45
0.7
V
hFE
DC current gain
ISW = 1 A, VCE = 5 V
25
°C
50
75
IC(off)
Collector off-state current
VCE = 40 V
Full range
0.01
100
µA
NOTES:
3. Low duty-cycle pulse testing is used to maintain junction temperature as close to ambient temperature as possible.
4. In the non-Darlington configuration, if the output switch is driven into hard saturation at low switch currents (
≤300 mA) and high driver
currents (
≥30 mA), it may take up to 2 µs for the switch to come out of saturation. This condition effectively shortens the off time at
frequencies
≥30 kHz, becoming magnified as temperature increases. The following output drive condition is recommended in the
non-Darlington configuration:
Forced
b of output switch = IC,SW / (IC,driver − 7 mA) ≥ 10,
where
 7 mA is required by the 100-Ω resistor in the emitter of the driver to forward bias the Vbe of the switch.
COMPARATOR
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Vth
Threshold voltage
25
°C
1.225
1.25
1.275
V
Vth
Threshold voltage
Full range
1.21
1.29
V
∆Vth
Threshold-voltage line regulation
VCC = 5 V to 40 V
Full range
1.4
5
mV
IIB
Input bias current
VIN = 0 V
Full range
−20
−400
nA
TOTAL DEVICE
PARAMETER
TEST CONDITIONS
TA
MIN
MAX
UNIT
ICC
Supply current
VCC = 5 V to 40 V, CT = 1 nF,
VPIN7 = VCC, VPIN5 > Vth,
VPIN2 = GND, all other pins open
Full range
4
mA


Similar Part No. - MC33063AQDRJR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Motorola, Inc
MC33063A MOTOROLA-MC33063A Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

Similar Description - MC33063AQDRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com