Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD413A2-C-15L Datasheet(PDF) 8 Page - STMicroelectronics

Part # PSD413A2-C-15L
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2-C-15L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PSD413A2-C-15L Datasheet HTML 4Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 5Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 6Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 7Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 8Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 9Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 10Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 11Page - STMicroelectronics PSD413A2-C-15L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 123 page
background image
PSD4XX Family
5
5.0
Integrated
Power
Management TM
Operation
Upon each address or logic input change to the ZPSD, the device powers up from low
power standby for a short time. Then the ZPSD consumes only the necessary power to
deliver new logic or memory data to its outputs as a response to the input change. After the
new outputs are stable, the ZPSD latches them and automatically reverts back to standby
mode. The ICC current flowing during standby mode and during DC operation is identical
and is only a few microamperes.
The ZPSD automatically reduces its DC current drain to these low levels and does not
require controlling by the CSI (Chip Select Input). Disabling the CSI pin unconditionally
forces the ZPSD to standby mode independent of other input transitions.
The only significant power consumption in the ZPSD occurs during AC operation.
The ZPSD contains the first architecture to apply zero power techniques to memory and
logic blocks.
Figure 2 compares ZPSD Zero-power operation to the operation of a discrete solution.
A standard microcontroller (MCU) bus cycle usually starts with an ALE (or AS) pulse and
the generation of an address. The ZPSD detects the address transition and powers up for a
short time. The ZPSD then latches the outputs of the PAD, EPROM and SRAM to the new
values. After finishing these operations, the ZPSD shuts off its internal power, entering
standby mode. The time taken for the entire cycle is less than the ZPSD’s “access time.”
The ZPSD will stay in standby mode if inputs do not change between bus cycles. In an
alternate system implementation using discrete EPROM, SRAM, and other discrete
components, the system will consume operating power during the entire bus cycle. This is
because the chip select inputs on the memory devices are usually active throughout the
entire cycle. The AC power consumption of the ZPLD may be calculated using the
composite frequency of the MCU address and control signals, as well as any other logic
inputs to the ZPLD.
NOTE: The ZPSD4XX is rated for lower standby current (ISB) than the PSD4XX.
ALE
DISCRETE EPROM, SRAM & LOGIC
ADDRESS
EPROM
ACCESS
SRAM
ACCESS
EPROM
ACCESS
ICC
ZPSD
ZPSD
ZPSD
TIME
Figure 2. Zero-Power Operation vs. Discrete Implementation


Similar Part No. - PSD413A2-C-15L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD413A2V-A-20JI STMICROELECTRONICS-PSD413A2V-A-20JI Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD413A2-C-15L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com