Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM620FU8FU-45L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EM620FU8FU-45L
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM620FU8FU-45L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EM620FU8FU-45L Datasheet HTML 1Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 2Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 3Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 4Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 5Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 6Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 7Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 8Page - List of Unclassifed Manufacturers EM620FU8FU-45L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM681FV16AU Series
Low Power, 512Kx16 SRAM
3
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional oper-
ation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
OE
WE
LB
UB
I/O0-7
I/O8-15
Mode
Power
H
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
X
X
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
L
H
L
L
Data Out
Data Out
Word Read
Active
L
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EM620FU8FU-45L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM620FU8FU-45LL ETC2-EM620FU8FU-45LL Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM620FU8FU-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com