Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPE5194 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OPE5194
Description  GaAs Infrared Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPE5194 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OPE5194 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPE5194 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22
CC
GaAs Infrared Emitter
OPE5194
FORWARD CURRENT Vs.
FORWARD VOLTAGE
100
50
30
20
10
5
4
3
2
1
1.0
1.1
1.2
1.3
1.4
1.5 1.6
Forward Voltage VF(V)
Ta=25

RELATIVE RADIANT INTENSITY Vs.
AMBIENT TEMP.
RELATIVE RADIANT INTENSITY Vs.
EMISSION WAVELENGTH.
1.0
0.8
0.6
0.4
0.2
0.0
800
850
900
950
1000
1050
Emission Wavelength
(nm)
Ta=25

3
2
1
0.8
0.5
0.3
0.2
0.1
-20
0
20
40
60
80
100
Ambient Temperature Ta(



)
IF=50mA
ANGULAR DISPLACEMENT Vs
RELATIVE RADIANT INTENSITY
20
°
30
°
40
°
50
°
60
°
70
°
80
°
-20
°
-30
°
-40
°
-50
°
-60
°
-70
°
-80
°
-90
°
-10
°
10
°
0
°
1.0
0.5
0
0.5
1.0
90
°
Relative Radiant intensity
Ta=25

RADIANT INTENSITY Vs.
FORWARD CURRENT.
FORWARD CURRENT Vs.
AMBIENT TEMP.
100
80
60
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature Ta(



)
Ta=25
200
100
50
30
10
5
3
1
0.5
0.3
0.1
1
3 5 10
30 50 100 200 500
Forward Current IF(mA)
Ta=25



Similar Part No. - OPE5194

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5194WK ETC-OPE5194WK Datasheet
128Kb / 2P
   GAAIAS INFRARED EMITTER
More results

Similar Description - OPE5194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com