Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF600D Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # RF600D
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600D Datasheet(HTML) 2 Page - rfsolutions.ltd

  RF600D Datasheet HTML 1Page - rfsolutions.ltd RF600D Datasheet HTML 2Page - rfsolutions.ltd RF600D Datasheet HTML 3Page - rfsolutions.ltd RF600D Datasheet HTML 4Page - rfsolutions.ltd RF600D Datasheet HTML 5Page - rfsolutions.ltd RF600D Datasheet HTML 6Page - rfsolutions.ltd RF600D Datasheet HTML 7Page - rfsolutions.ltd RF600D Datasheet HTML 8Page - rfsolutions.ltd RF600D Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Transmitter Encoder RF600E
Operational Description
The RF600E is a simple device to use. As shown in the typical application circuits, it requires only the
addition of input switches and RF circuitry for use as the transmitter in the end application. Transmission is
automatic without user intervention.
The RF600E will wake up upon detecting a switch closure and then delay approximately 6.5 ms for switch
debounce. The encrypted or hopping code portion of the transmission will change every time a button is
pressed, even if the same button is pushed again.
Achieving Optimum Range
Range is dependant on many factors including
1.
RF Power output
2.
Receiver sensitivity
3.
Antenna efficiency
4.
Local environmental conditions and any local Interference
5.
Data Type which is being transmitted.
Whilst items 1-4 are dependant on the system hardware design, item ‘5’ is equally important and often
overlooked.
Given that there is a legal maximum power output which can be transmitted, and a limit on the sensitivity
of the receiver (usually constrained by cost), and that the antenna can never achieve 0dB loss (100%
efficiency), then the data type is an important aspect of the design.
The RF600E/D chipset use a fully balanced Manchester encoded data protocol designed for optimum use
of the radio transmission path.
The data format automatically includes a pre-amble, synchronisation header, followed by the encrypted
and fixed code data then a CRC check. The actual packet size is 67 bits. Each transmission is followed by
a guard period before another transmission can begin.
The data encryption provides up to four billion changing code combinations and includes the function bits
(based on which buttons were activated) along with other data and synchronization information that the
decoder uses.
Manchester encoding the data enables the superhetrodyne receiver ‘data slicer’ to maintain efficiency for
the duration of the data packet, (unlike many other encoder/decoder systems) which results in reduced bit
errors and therefore ensures maximum range.
Low Battery Indication
The RF600E reads the battery status (voltage) on each operation. If the voltage is detected as being
below 3.8 volts (typical) then a flag bit is transmitted to the decoder where it is made available.
Custom Versions
Custom versions of the RF600E / D chipset are available, programmed with a unique ‘Manufacturers Key’
which means that the transmitter and receiver will respond only to other devices with the same unique
manufacturers key. This provides a bespoke remote chipset for OEM applications. Please contact our
sales department for further information.
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 2


Similar Part No. - RF600D

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
792Kb / 24P
   The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
More results

Similar Description - RF600D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
   RF ENCODER
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
SamHop Microelectronics...
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
   3 RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
   evaluation boards
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com