Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W25X10AL Datasheet(PDF) 19 Page - Winbond

Part No. W25X10AL
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25X10AL Datasheet(HTML) 19 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
Publication Release Date: May 9, 2008
- 19 -
Revision B
10.2.7 Read Data (03h)
The Read Data instruction allows one more data bytes to be sequentially read from the memory. The
instruction is initiated by driving the /CS pin low and then shifting the instruction code “03h” followed
by a 24-bit address (A23-A0) into the DIO pin. The code and address bits are latched on the rising
edge of the CLK pin. After the address is received, the data byte of the addressed memory location
will be shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first. The
address is automatically incremented to the next higher address after each byte of data is shifted out
allowing for a continuous stream of data. This means that the entire memory can be accessed with a
single instruction as long as the clock continues. The instruction is completed by driving /CS high. The
Read Data instruction sequence is shown in figure 8. If a Read Data instruction is issued while an
Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a maximum of
fR (see AC Electrical Characteristics).
Figure 8. Read Data Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn