Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W25X10AL Datasheet(PDF) 41 Page - Winbond

Part No. W25X10AL
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25X10AL Datasheet(HTML) 41 Page - Winbond

 
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
Publication Release Date: May 9, 2008
- 41 -
Revision B
12.4 8-Pad WSON 6x5mm (Package Code ZP)
MILLIMETERS
INCHES
SYMBOL
MIN
TYP.
MAX
MIN
TYP.
MAX
A
0.70
0.75
0.80
0.0276
0.0295
0.0315
A1
0.00
0.02
0.05
0.0000
0.0008
0.0019
A2
0.55
0.0126
A3
0.19
.0.20
0.25
0.0075
0.0080
0.0098
b
0.36
0.40
0.48
0.0138
0.0157
0.0190
D(3)
5.90
6.00
6.10
0.2320
0.2360
0.2400
D1
3.30
3.40
3.50
0.1299
0.1338
0.1377
E
4.90
5.00
5.10
0.1930
0.1970
0.2010
E1(3)
4.20
4.30
4.40
0.1653
0.1692
0.1732
e(2)
1.27 BSC
0.0500 BSC
K
0.20
0.0080
L
0.50
0.60
0.75
0.0197
0.0236
0.0295


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn