Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W25X10AL Datasheet(PDF) 39 Page - Winbond

Part No. W25X10AL
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25X10AL Datasheet(HTML) 39 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
Publication Release Date: May 9, 2008
- 39 -
Revision B
12.2 8-Pin SOIC 208-mil (Package Code SS)
MILLIMETERS
INCHES
SYMBOL
MIN
MAX
MIN
MAX
A
1.75
2.16
0.069
0.085
A1
0.05
0.25
0.002
0.010
A2
1.70
1.91
0.067
0.075
b
0.35
0.48
0.014
0.019
C
0.19
0.25
0.007
0.010
D(3)
5.18
5.38
0.204
0.212
E
7.70
8.10
0.303
0.319
E1(3)
5.18
5.38
0.204
0.212
e(2)
1.27 BSC
0.050 BSC
L
0.50
0.80
0.020
0.031
θ
0o
8o
0o
8o
y
---
0.10
---
0.004
Notes:
1. Controlling dimensions: inches, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the
package.
4. Formed leads shall be planar with respect to one another within .0004 inches at the seating plane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn