Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HAT2183WP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HAT2183WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2183WP Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2183WP
Rev.5.00, Oct 21, 2005, page 3 of 6
Main Characteristics
40
30
20
10
0
50
100
150
200
20
16
12
8
4
0
24
6
8
10
20
16
12
8
4
0
24
6
8
10
VGS = 5 V
Case Temperature Tc (
°C)
Power vs. Temperature Derating
3
2
1
0
4
8
12
16
20
1
30
100
3
10
300 1000
0.2
0.1
0.05
1
0.5
0.02
0.01
4
ID = 20 A
30
10
3
1
0.3
0.1
1
3
10
30
300
1000
0.03
0.001
0.01
0.003
100
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
Ta = 25
°C
1 ms
PW = 10 ms
(1shot)
DC
Operation
(T
c =
25
°C)
5.3 V
10 A
5 A
10 V
7 V
5.7 V
5.5 V
6 V
100
µs
10
µs
−25°C
Operation in this
area is limited by
R
DS(on)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage VDS (V)
Pulse Test
Pulse Test
Gate to Source Voltage VGS (V)
Drain to Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source State Resistance
vs. Drain Current
VDS = 10 V
Pulse Test
Tc = –75
°C
25
°C
VGS = 10 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn