Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HAT2183WP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HAT2183WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2183WP Datasheet(HTML) 5 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HAT2183WP
Rev.5.00, Oct 21, 2005, page 5 of 6
0
0.4
0.8
1.2
1.6
2.0
20
8
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
5
4
3
2
1
-25
0
50
100
150
25
125
75
0
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature
VDS = 10 V
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 75 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
90%
10%
tr
Switching Time Test Circuit
Waveform
1 mA
0.1 mA
4
12
16
10 V
5 V
VGS = 0, –5 V
ID = 10 mA
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
ch - c(t) = s (t)
ch - c
ch - c = 4.17
°C/ W, Tc = 25°C
θ
γ
θ
θ


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn