Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

900166G071YN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 900166G071YN
Description  CARTRIDGE TYPE LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

900166G071YN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  900166G071YN Datasheet HTML 1Page - List of Unclassifed Manufacturers 900166G071YN Datasheet HTML 2Page - List of Unclassifed Manufacturers 900166G071YN Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Littelites
LL-3
Lighting Components & Design, Inc.®
· 692S.MilitaryTrail,DeerfieldBch.,FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
Overview
The 900 Series LED cartridge lamp mates with 910 Series
lampholders. Constructed with an aluminum case, 900
Series LED lamps are noted for high resistance to shock
and vibration, long life, and low power requirements.
These may be ordered with multiple lens styles and lens
colors.
Approvals
UL Recognized and CSA Certified.
Specifications
Sleeve: Aluminum. Black anodized finish standard; clear
anodized finish optional.
Termination: .040" diameter stainless steel pins mounted
in a nylon header. The anode is identified on the header as
the + pin connection.
LED DC Voltage options: 1.8 to 28 volts.
Lens: Heat resistant, high strength polycarbonate.
Lens Marking: Cylindrical lenses may be stamped.
Contact factory.
900 SERIES CARTRIDGE TYPE
LED Lamps
TYPE 03
SHORT CYLINDRICAL LENS
TYPE 07
SHORT CYLINDRICAL
FLUTED LENS
TYPE 06
SHORT STOVEPIPE
FRESNEL LENS
1.140 MAX.
.265
± .015
.203
± .015
.265
± .015
1.140 MAX.
.330
.284
± .005
.020 ± .005
ANODE
.160± .002
Series
Number
Termination
Lamp Code
Resistor
Lens Type
Sleeve
Finish
Lens Color
ORDERING INFORMATION:
Red LED
Code
Volts
Current
Nominal 10 mA
Nominal 20 mA
X
U
J
W
Y
K
G
L
NONE
200 OHM
330 OHM
430 OHM
820 OHM
1000 OHM
1200 OHM
2700 OHM
1.8
3.6
5
6
10
12
14
28
V
M
P
Z
N
H
100 OHM
180 OHM
220 OHM
390 OHM
620 OHM
1300 OHM
3.6
5
6
10
14
28
Built-in 330 OHM Resistor
Short Stovepipe Lens
Black Anodized
Finish
Red Non-
Diffusing Lens
900
1
Stainless
steel pins
standard
60
(Red LED)
66
(Green LED)
68
(Yellow LED)
A
Tin-plated
stainless steel
pins for printed
circuit board
mounting
03 Short Cylindrical
062 Short Stovepipe
Fresnel
072 Short Cylindrical
Fluted
1
Black
Anodized-
standard
2
Clear (Silver)
Anodized
Nondiffusing
(Clear)
2
Recommended for best light distribution.
3
Lamp Code Number. When specifying lens color, use only with lamp codes shown.
± .010
.203
± .015
CN
WN
AN
GN
RN
YN
Colorless
(60,66,68)3
White
(60,66,68)3
Amber (68)3
Green (66)3
Red (60)3
Yellow (68)3
EXAMPLE:
900
1 60 J
06 1 RN


Similar Part No. - 900166G071YN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
900167 MACOM-900167 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 900166G071YN

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
910 VCC-910 Datasheet
347Kb / 1P
   Cartridge Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8I65540-PF LIGITEK-L8I65540-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8Y45740 LIGITEK-L8Y45740 Datasheet
102Kb / 5P
   RECTANGLE TYPE LED LAMPS
L8Y45841 LIGITEK-L8Y45841 Datasheet
119Kb / 5P
   RECTANGLE TYPE LED LAMPS
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com