Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P343N Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P343N
Description  8-Bit Microprocessor with OTP ROM
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P343N Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P343N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P343N Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
4
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
5
Pin Description
5.1 EM78P341NP/M
Symbol
Pin No.
Type
Function
P50~P55
1~3, 12~14
I/O
6-bit General purpose input/output pins
Pull-high/pull-down
Wake up from sleep mode when the pin status changes
Default value at power-on reset
P60, P61
66, 67
6~9
I/O
4-bit General purpose input/output pins
Open drain
Default value at power-on reset
P70~P71
11, 4
I/O
2-bit General purpose input/output pins
Default value at power-on reset
/INT
6
I
External interrupt pin triggered by a falling or a rising edge.
Defined by CONT <7>
ADC0~ADC6
1, 2, 9
11~14
I
7-bit Analog-to-Digital Converter
Defined by ADCON (R9)<1:0>
VREF
3
I
External reference voltage for ADC
Defined by ADCON (R9) <7>.
/RESET
4
I
General-purpose Input only
If it remains at logic low, the device will be reset
Wake-up from sleep mode when pin status changes
Voltage on /RESET must not exceed Vdd during normal mode
TCC, TCCA
3, 7
I
External Counter input
TCC defined by CONT<5>
TCCA defined by IOC80 <1>
OSCI
12
I
Crystal type: Crystal input terminal or external clock input pin
RC type: RC oscillator input pin
OSCO
11
O
Crystal type: Output terminal for crystal oscillator or external
clock input pin.
RC type: Clock output with a duration of one instruction cycle
time. The prescaler is determined by the
CONT register.
External clock signal input.
IR OUT
13
O
IR mode output pin.
Driving current = 10mA when the output voltage drops to
Vdd-0.5V at Vdd = 5V
Sinking current = 15mA when the output voltage drops to
GND+0.5V at Vdd = 5V
VDD
10
Power supply
VSS
5
Ground


Similar Part No. - EM78P343N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P342ND14 EMC-EM78P342ND14 Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P342ND18 EMC-EM78P342ND18 Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P342ND20 EMC-EM78P342ND20 Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P342NSO14 EMC-EM78P342NSO14 Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
More results

Similar Description - EM78P343N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
   8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
   8-Bit Microprocessor with OTP ROM
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
   8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
   8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P350N EMC-EM78P350N Datasheet
1Mb / 110P
   8-Bit Microprocessor with OTP ROM
EM78P142 EMC-EM78P142 Datasheet
905Kb / 96P
   8-Bit Microprocessor with OTP ROM
EM78P259N EMC-EM78P259N Datasheet
1Mb / 88P
   8-Bit Microprocessor with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com