Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5542-KL Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5542-KL
Description  22-Bit, Multi-Channel DS ADC Chip Set
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542-KL Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5542-KL Datasheet HTML 6Page - Cirrus Logic CS5542-KL Datasheet HTML 7Page - Cirrus Logic CS5542-KL Datasheet HTML 8Page - Cirrus Logic CS5542-KL Datasheet HTML 9Page - Cirrus Logic CS5542-KL Datasheet HTML 10Page - Cirrus Logic CS5542-KL Datasheet HTML 11Page - Cirrus Logic CS5542-KL Datasheet HTML 12Page - Cirrus Logic CS5542-KL Datasheet HTML 13Page - Cirrus Logic CS5542-KL Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CS5542 CS5543
10
DS109PP2
GENERAL DESCRIPTION
The CS5542 is a monolithic CMOS dual delta-sig-
ma modulator. Each modulator in the CS5542 ac-
cepts a low level current input, usually supplied by
a photodiode (see Figure 1). This current is digi-
tized by the CS5542 modulator and filtered by the
CS5543 digital FIR decimation filter. Four CS5542
modulator chips can be combined with one CS5543
filter chip to provide eight channels of data conver-
sion as shown in Figure 2. Up to 128 8-channel
blocks of CS5542/CS5543 chip sets can be con-
nected to build a 1024 channel system as shown in
Figure 3. The CS5542/CS5543 combination sup-
ports several calibration modes for the data acqui-
sition system.
THEORY OF OPERATION
The CS5542/CS5543 chip set is designed to con-
struct multi-channel current input digitizer sys-
tems. The conversion clock input (CLKIN) into
the CS5543 provides the master clock for the digi-
tal filter. This clock can be as fast as 2.048 MHz.
CLKIN is buffered inside the CS5543 and is passed
to each of the CS5542 modulator chips as the
MCLK (modulator clock) signal.
The CS5542/
CS5543 combination provides output conversion
data at a word rate equal to CLKIN/2048.
INL
REFGNDL
GNDL
ICAL
INR
REFGNDR
GNDR
VA-
VA+
VD+
DGND
MDATA [3:0]
C [2:0]
CAL [1:0]
FSYNC
MCLK
PDN
CAPSIZE
VREF+ VREF-
SEL0
SEL1
CS5542
+4.0 V
-4.0 V
.1
µF
Photodiode
Reference
8 MEG
+5 V
-5V
5
6
4
10
8
7
9
13
12
23
22
25,24,21,20
28,27,26
19, 18
16
17
11
1
32
14
15
2
3
4
To
CS5543
Decimator
Photodiode
-4.0 V
I FS
IR
10
µF
.1
µF
.1
µF10 µF
.1
µF
10
Differential
Reference
Voltage
.1
µF
Note 1
Note 1: Diodes can be connected with either polarity. As shown the CS5542/43 will
generate a more negative code as the photodiode outputs more current.
2: The ICAL current can be of either polarity. Its magnitude will determine the
full scale measurement range.
Note 1
Note 2
DGND
AGND
Figure 1. CS5542 Typical Connection Diagram


Similar Part No. - CS5542-KL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
More results

Similar Description - CS5542-KL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Linear Technology
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
logo
PHOENIX CONTACT
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
   Connector set - MSTBP-SET/EMUG 22- 4REL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com