Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FA-128 Datasheet(PDF) 1 Page - Epson ToYoCom

Part No. FA-128
Description  MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPSONTOYOCOM [Epson ToYoCom]
Homepage  http://www.epsontoyocom.co.jp
Logo 

FA-128 Datasheet(HTML) 1 Page - Epson ToYoCom

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
10
Specifications (characteristics)
Specifications
Item
Symbol
For RF Reference
For Clock
Remarks
Nominal frequency range
f
24.000 MHz to 54.000 MHz
Fundamental
Please contact us for inquiries regarding
the available frequencies.
Storage temperature range
T_stg
-40 °C to +125 °C
Store as bare product after unpacking.
Operating temperature range T_use
-40 °C to +85 °C
Level of drive
DL
50 µW Max.
100 µW Max.
Frequency tolerance
(standard)
f_tol
±10 × 10-6
±30 × 10-6
+25 °C
For the out of standard specifications, please
contact us for inquiries.
Frequency versus
temperature characteristics
(standard)
f_tem
±10 × 10-6
±30 × 10-6
-20 °C to +75 °C
For the out of standard specifications, please
contact us for inquiries.
Load capacitance
CL
8 pF to ∞
Please specify.
Motional resistance (ESR)
R1
As per below table
-20 °C to +75 °C
Frequency aging
f_age
±1 × 10-6 / year Max.
±5 × 10-6 / year Max. +25 °C, First year
Motional resistance (ESR)
Frequency
Motional resistance
24.0 MHz ≤ f < 26.0 MHz
80 Ω Max.
26.0 MHz ≤ f ≤ 54.0 MHz
60 Ω Max.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
MHz RANGE CRYSTAL UNIT
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-128
•Nominal frequency range
:
24 MHz to 54 MHz
•Thickness
:
0.5mm Max.
•Overtone order
:
Fundamental
•Applications
:
Mobile phone, Bluetooth, W-LAN
:
ISM band radio, Clock for MPU
#1
#4
#2
#3
Pin m ap
2.0±0.1
#1
#4
#2
#3
0.65
0.6
C 0.2 Min.
#2 and #4 are connected to the cover.
(Please connect to ground)
2600M
E 66R A
1.45
0.95
0.85
1.15


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn