Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF58C2140P160A Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # CMF58C2140P160A
Description  DIELECTRIC FILTER SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

CMF58C2140P160A Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  CMF58C2140P160A Datasheet HTML 1Page - SIPAT Co,Ltd CMF58C2140P160A Datasheet HTML 2Page - SIPAT Co,Ltd CMF58C2140P160A Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
CMF58C2140P160A
Rev. Date
2005-7-25
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
DIELECTRIC FILTER SPECIFICATION
Part Number:CMF58C2140P160A
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
ITEM
SPEC
UNIT
1
Center Frequency [fo]
2140.0
MHz
2
Bandwidth in 1dB [BW]
fo ± 80 [ 2060 -2220 ]
MHz
3
Insertion Loss in [2100~2180]MHz
1.5 max.
dB
4
Insertion Loss in [ 2060 -2100 ] MHz&[ 21
80 -2220 ] MHz
3.0 max.
dB
5
Ripple in [ 2100 -2180 ] MHz
0.5 max.
dB
V S W R in BW
1.5 max.
Ratio
30 min.
@
1350 ~ 1410
MHz
dBc
40 min.
@
1730 ~ 1790
MHz
dBc
40 min.
@
1920 ~ 2010
MHz
dBc
30 min.
@
2270MHz
dBc
40 min.
@
2300 ~ 2500
MHz
dBc
6
Attenuation
[Absolute Value]
30 min.
@
DC
~ 5000
MHz
dBc
7
In/Out Impedance
50
ohm
8
Operation Temperature Range
-40 to +85
M
ME
EN
NS
SIIO
ON
NS
SD
DII


Similar Part No. - CMF58C2140P160A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMF58C2140P160A SIPAT-CMF58C2140P160A Datasheet
316Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
More results

Similar Description - CMF58C2140P160A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
BP65R765S112 SIPAT-BP65R765S112 Datasheet
403Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C813S15A SIPAT-CMF33C813S15A Datasheet
258Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C858S15A SIPAT-CMF33C858S15A Datasheet
250Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1762S45A SIPAT-CMF33C1762S45A Datasheet
253Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1897S35A SIPAT-CMF33C1897S35A Datasheet
251Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF58C2140P160B SIPAT-CMF58C2140P160B Datasheet
869Kb / 12P
   DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
339Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
345Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
BP65R2025S106 SIPAT-BP65R2025S106 Datasheet
363Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1525S50A SIPAT-CMF33C1525S50A Datasheet
251Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
DF1495S36B SIPAT-DF1495S36B Datasheet
342Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com