Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI3192-100LB272 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI3192-100LB272
Description  High Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192-100LB272 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI3192-100LB272 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192-100LB272 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Specifications ispLSI 3192
5
Switching Test Conditions
Input Pulse Levels
Table 2 - 0003
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
≤ 3ns 10% to 90%
1.5V
1.5V
See figure 2
3-state levels are measured 0.5V from steady-state
active level.
Output Load conditions (See figure 2)
TEST CONDITION
R1
R2
CL
A
470Ω
390Ω
35pF
B
390Ω
35pF
470Ω
390Ω
35pF
Active High
Active Low
C
470Ω
390Ω
5pF
390Ω
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
Figure 2. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A
DC Electrical Characteristics
Over Recommended Operating Conditions
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Characterized but not 100% tested.
2. Measured using twelve 16-bit counters.
3. Typical values are at VCC = 5V and TA = 25°C.
4. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption
section of this datasheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate
maximum ICC.
Table 2 - 0007isp/3192
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2,4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
Bscan/ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
3.5V ≤ V ≤ V
0V ≤ V ≤ V (Max.)
0V ≤ V ≤ V
0V ≤ V ≤ V
V = 5V, V
= 0.5V
V = 0.0V, V = 3.0V
f
= 1 MHz
OL
OH
IN
IL
IN
CC
IN
IL
IN
IL
CC
OUT
TOGGLE
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.4
320
0.4
10
-10
-150
-150
-200
V
V
µA
µA
µA
µA
mA
mA
OUT
320
mA
Commercial
Industrial


Similar Part No. - ISPLSI3192-100LB272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI3256-50LG LATTICE-ISPLSI3256-50LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-50LM LATTICE-ISPLSI3256-50LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LG LATTICE-ISPLSI3256-70LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LM LATTICE-ISPLSI3256-70LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256A-50LM LATTICE-ISPLSI3256A-50LM Datasheet
163Kb / 13P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI3192-100LB272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com