Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3731 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # V3731
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V3731 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button V3731 Datasheet HTML 9Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 10Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 11Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 12Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 13Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 14Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 15Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 16Page - List of Unclassifed Manufacturers V3731 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
2000 Feb 08
14
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
MARKING
Product marking
The capacitors are marked by laser print; on the top for
pitch
≥ 22.5 mm (see Fig.16), on the top and one side for
pitch
= 15 mm (see Fig.15) or on one side for
pitch
= 10 mm (see Fig.14) with the following information:
1.
Rated capacitance code in accordance with
“IEC 60062”
2.
Tolerance on rated capacitance; M
=±20%;
K
=±10%; J =±5%
3.
Rated (AC) voltage (275 V)
4.
Sub-class (e.g. X1)
5.
Manufacturer’s type designation (e.g. 336 1)
6.
Code for dielectric material (MKP) for pitch
≥15 mm
7.
Manufacturer
8.
Year and week of manufacture (e.g. 0001) for
pitch
≥15 mm
9.
Safety approvals: products will be marked with
approvals depending on the available marking space
per product. Although all approvals remain valid as
indicated in the reference data.
144x12(halfpage)
FRONT FACE
CBB055
250V~
10n M 336 1 BC
275V~X1
V
DE
N
D
PB501
Fig.14 Example of marking for a capacitor with
pitch
= 10 mm.
144x12(halfpage)
HEAD FACE
FRONT FACE
100n M 275V~X1
336 1
MKP
CBB056
V
D E
EN132400
BC
0001
PB501
250V~
OVE
Fig.15 Example of marking for a capacitor with
pitch
= 15 mm.
144x12(halfpage)
220n M 275V~
336 1
MKP
BC
0001
V
D E
X2
HEAD FACE
PB501
EN132400
250V~
CBB057
OVE
Fig.16 Example of marking for a capacitor with
pitch
= 22.5 or 27.5 mm.


Similar Part No. - V3731

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V370PDC ETC-V370PDC Datasheet
99Kb / 14P
   High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
logo
Vicor Corporation
V375A12C150A VICOR-V375A12C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375A12C150A VICOR-V375A12C150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375A12C150A VICOR-V375A12C150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375A12C150B VICOR-V375A12C150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V3731

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com