Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99-06011 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 99-06011
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99-06011 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 99-06011 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 6Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 7Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 8Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 9Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 10Page - List of Unclassifed Manufacturers 99-06011 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2000 Feb 08
7
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
MKP 336 1 GENERAL DATA
PITCH 22.5/27.5 mm
Specific reference data for the 275 V AC (X1) capacitors
DESCRIPTION
VALUE
at 10 kHz
at 100 kHz
Tangent of loss angle:
100 nF
< C ≤ 470 nF
≤20 × 10−4
≤100 × 10−4
C
> 470 nF
≤70 × 10−4
Rated voltage pulse slope (dU/dt)R at 385 V (DC)
P= 22.5 mm
300 V/
µs
P= 27.5 mm
200 V/
µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
>15000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>5000 s
R between leads and case; 100 V; 1 minute
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
3400 V; 1 minute
Withstanding (AC) voltage between leads and case
2050 V; 1 minute
Fig.4 Outline.
296x12(full_width)
CBA196
h
lt
l
b
P
Ødt


Similar Part No. - 99-06011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99-06-08 ETC2-99-06-08 Datasheet
347Kb / 50P
   Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
More results

Similar Description - 99-06011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com