Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7612 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M7612
Description  PIR CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M7612 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M7612 Datasheet HTML 1Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 2Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 3Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 4Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 5Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 6Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 7Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 8Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
2007-05-29
PIR CONTROLLER
PIR CONTROLLER
M7612
一华半导体股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATING
(TA=25℃)
Parameter
Sym.
Rating
Unit
Power Supply VDD With Respect to VSS
VDD - VSS
5.6
V
Voltage On Any Pin
-0.3 to 5.6
V
Operating Temperature
Top
-20 to 70
Storage Temperature
-65 to 150
ELECTRICAL CHARACTERISTICS
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VDD
4.2
5
5.5
V
Stand by Current
IST
0.9
1.0
1.2
mA
Operating Current
IDD
1.8
2.5
mA
1.8mA ,TRIAC / 2.5mA , RELAY
Stable Voltage
VREF
3.0
3.2
3.4
V
VDD > 4.2V
Source Current of VREF
IREF
200
uA
Ripple of VREF
0.5
mV
Input and Output Regulation of VREF
0.3%
Time Base Operating Frequency
FTB
15
16
17
KHz
CDS Operating Trigger
VT +
1.3
1.7
2.1
V
CDS Operating Trigger
V T-
0.6
0.9
1.1
V
CDS Source Current
ICDS
2.6
3.5
4.4
uA
CDS Output Source Current
ISOURCE
9
10.4
17.4
mA
CDS Output Sink Current
ISINK
11.6
13
21
mA
10
1300
C=0.01uF , R=4.7K-1M
Timer Duration of Out 1
TOUT1
0.1
13
SEC
C=100pF , R=4.7K-1M
Relay Source Current
IRS
10
mA
Relay Sink Current
IRSINK
10
mA
Relay Operating Voltage
VRO
13.1
18.8
V
TRIAC Sink Current
ITSINK
15
mA
TRIAC Source Current
ITSOURCE
50
uA


Similar Part No. - M7612

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7612 UTC-M7612 Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
M7612-G08-T UTC-M7612-G08-T Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
M7612-G08-T UTC-M7612-G08-T Datasheet
123Kb / 5P
   VIDEO SIGNAL SWITCHER
M7612-S08-R UTC-M7612-S08-R Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
M7612-S08-R UTC-M7612-S08-R Datasheet
123Kb / 5P
   VIDEO SIGNAL SWITCHER
More results

Similar Description - M7612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
   PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
M7616 ETC2-M7616 Datasheet
179Kb / 4P
   DC PIR CONTROLLER
logo
Pericom Semiconductor C...
PT8A263 PERICOM-PT8A263 Datasheet
346Kb / 11P
   PIR Alarm Controller
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com