Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87108AVJE Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87108AVJE
Description  Advanced UART and Infrared Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87108AVJE Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87108AVJE Datasheet HTML 2Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 3Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 4Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 5Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 6Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 7Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 8Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 9Page - National Semiconductor (TI) PC87108AVJE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
1.0 Pin Description (Continued)
Symbol
Pin(s)
Type
Description
INFRARED INTERFACE SIGNALS
ID0/IRSL0/IRRX2
37
I/O
Transceiver Identification/Control or Secondary Infrared Receive.
Multi function pin implementing the following functions:
— ID0, to read identification data to support Plug-n-Play infrared adapters.
— IRSL0, to select the transceiver operational mode.
— IRRX2, used either as a high-speed receiver input (for MIR and FIR) to
support transceiver modules with two receive data outputs, or as an auxiliary
input to support two transceiver modules.
ID1/IRSL1,
ID2/IRSL2
36, 35
I/O
Transceiver Identification or Control. Used to read identification data to
support Plug-n-Play infrared adapters, as well as to select the transceiver
operational mode.
ID3
25
I
Transceiver Identification. Used to read identification data to support
Plug-n-Play infrared adapters.
IRRX1
38
I
Infrared Receiver. Primary input to receive serial data from the infrared
transceiver module. If the infrared transceiver provides two receive data output,
the low-speed output should be connected to this pin.
IRRX3
79
I
Auxiliary Infrared Receiver. This pin can be used as an auxiliary infrared
receiver input when two infrared transceiver modules are used in the system.
IRTX
39
O
Infrared Transmit. This output sends serial data to the transceiver module(s).
MISCELLANEOUS SIGNALS
BADDR0, 1
22, 23
I
Base Address. These inputs are sampled during reset to select the device
accessing mode and/or the address of the Index register (Section 4.2). An
internal 30 k
Ω pull-down resistor is used on these pins. External 10 kΩ resistors
can be used to pull these pins to V
DD.
CLKIN
47
I
Clock. 48 MHz clock input.
GPIO0, GPIO1
42, 43
I/O
General Purpose I/O. These pins are programmable as input or output, and
can be used to control external devices. They have open-drain outputs and
weak internal pull-ups.
GPIO2/AUXSL
44
I/O
General Purpose I/O or Auxiliary Infrared Input Select. Dual function pin.
The pin function is controlled by the AUXIR__SL bit in the MCTL register
(Section 4.2.3). This pin has an open-drain output and a weak internal pull-up.
GPIO3/BUSY
45
I/O
General Purpose I/O or Busy Status. Dual function pin. The pin function is
controlled by the BUSY__SL bit in the MCTL register (Section 4.2.3). This pin
has an open-drain output and a weak internal pull-up.
RESERVED
48, 69
Reserved. No connections should be made to these pins.
www.national.com
6


Similar Part No. - PC87108AVJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108VHG NSC-PC87108VHG Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108VJE NSC-PC87108VJE Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
More results

Similar Description - PC87108AVJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87109VBE NSC-PC87109VBE Datasheet
380Kb / 56P
   PC87109VBE Advanced UART and Infrared Controller
logo
Pericom Semiconductor C...
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
   UART Bridge Controller
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
logo
Actel Corporation
MC-ACT-UARTM-NET ACTEL-MC-ACT-UARTM-NET Datasheet
328Kb / 9P
   Multi-Channel UART Controller
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
List of Unclassifed Man...
FLK-TI400 ETC2-FLK-TI400 Datasheet
3Mb / 3P
   Ti400, Ti300 and Ti200 Advanced Performance Infrared Cameras
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com