Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CRHBR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHBR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL16C752CRHBR Datasheet HTML 15Page - Texas Instruments TL16C752CRHBR Datasheet HTML 16Page - Texas Instruments TL16C752CRHBR Datasheet HTML 17Page - Texas Instruments TL16C752CRHBR Datasheet HTML 18Page - Texas Instruments TL16C752CRHBR Datasheet HTML 19Page - Texas Instruments TL16C752CRHBR Datasheet HTML 20Page - Texas Instruments TL16C752CRHBR Datasheet HTML 21Page - Texas Instruments TL16C752CRHBR Datasheet HTML 22Page - Texas Instruments TL16C752CRHBR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS, VCC = 3.3 V ±10%
RECOMMENDED OPERATING CONDITIONS, VCC = 5 V ±10%
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
0.7
× V
CC
V
VIL
Low-level input voltage
0.3
× V
CC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
1.8
mA
IOL
Low-level output current
All outputs
3.2
mA
Oscillator/clock speed
32
MHz
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
5.5
V
VI
Input voltage
VCC
V
Except XIN
0
VIH
High-level input voltage
V
XIN
0.7
× V
CC
Except XIN
0.8
VIL
Low-level input voltage
V
XIN
0.3
× V
CC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
4
mA
IOL
Low-level output current
All outputs
4
mA
Oscillator/clock speed
48
MHz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com