Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CRHBR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHBR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TL16C752CRHBR Datasheet HTML 40Page - Texas Instruments TL16C752CRHBR Datasheet HTML 41Page - Texas Instruments TL16C752CRHBR Datasheet HTML 42Page - Texas Instruments TL16C752CRHBR Datasheet HTML 43Page - Texas Instruments TL16C752CRHBR Datasheet HTML 44Page - Texas Instruments TL16C752CRHBR Datasheet HTML 45Page - Texas Instruments TL16C752CRHBR Datasheet HTML 46Page - Texas Instruments TL16C752CRHBR Datasheet HTML 47Page - Texas Instruments TL16C752CRHBR Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TL16C752CIRHB
PREVIEW
QFN
RHB
32
73
TBD
Call TI
Call TI
TL16C752CIRHBR
PREVIEW
QFN
RHB
32
3000
TBD
Call TI
Call TI
TL16C752CRHB
PREVIEW
QFN
RHB
32
73
TBD
Call TI
Call TI
TL16C752CRHBR
PREVIEW
QFN
RHB
32
3000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jun-2008
Addendum-Page 1


Similar Part No. - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com