Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CIRHBR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CIRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL16C752CIRHBR Datasheet HTML 19Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 20Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 21Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 22Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 23Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 24Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 25Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 26Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
www.ti.com
TIMING REQUIREMENTS
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
TA = 0°C to 70°C, VCC = 1.8 V to 5 V ±10% (unless otherwise noted)
LIMITS
TEST
PARAMETER
1.8 V
2.5 V
3.3 V
5 V
UNIT
CONDITIONS
MIN MAX
MIN MAX
MIN MAX
MIN MAX
tRES
Reset pulse width
200
200
200
200
ns
ET
CP
CP Clock period
63
42
32
20
ns
t3w
Oscillator/Clock speed
16
24
32
48
MHz
t6s
Address setup time
20
15
10
5
ns
t6h
Address hold time
See Figure 15 and Figure 16
15
10
7
5
ns
t7w
IOR strobe width
See Figure 15 and Figure 16
85
70
50
40
ns
t9d
Read cycle delay
See Figure 16
85
70
60
50
ns
t12d
Delay from IOR to data
See Figure 16
65
50
35
25
ns
t12h
Data disable time
35
25
20
15
ns
t13w
IOW strobe width
See Figure 15
85
70
50
40
ns
t15d
Write cycle delay
See Figure 15
85
70
60
50
ns
t16s
Data setup time
See Figure 15
40
30
20
15
ns
t16h
Data hold time
See Figure 15
35
25
15
10
ns
t17d
Delay from IOW to output
50 pF load, See Figure 17
60
40
30
20
ns
Delay to set interrupt from
t18d
50 pF load, See Figure 17
70
55
45
35
ns
MODEM input
Delay to reset interrupt from
t19d
50 pF load
80
55
40
30
ns
IOR
t20d
Delay from stop to set interrupt
See Figure 18
1
1
1
1
Baudrate
Delay from IOR to reset
t21d
50 pF load, See Figure 18
55
45
35
25
ns
interrupt
t22d
Delay from stop to interrupt
See Figure 21
1
1
1
1
Baudrate
Delay from initial IOW reset to
t23d
See Figure 21
8
24
8
24
8
24
8
24
Baudrate
transmit star
Delay from IOW to reset
t24d
See Figure 21
75
45
35
25
ns
interrupt
t25d
Delay from stop to set RXRDY
See Figure 19 and Figure 20
1
1
1
1
Baudrate
t26d
Delay from IOR to reset RXRDY See Figure 19 and Figure 20
1
1
1
1
µs
t27d
Delay from IOW to set TXRDY
See Figure 22 and Figure 23
70
60
50
40
ns
t28d
Delay from start to reset TXRDY See Figure 22 and Figure 23
16
16
16
16
Baudrate
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com