Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CIRHB Datasheet(PDF) 34 Page - Texas Instruments

Part # TL16C752CIRHB
Description  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHB Datasheet(HTML) 34 Page - Texas Instruments

Back Button TL16C752CIRHB Datasheet HTML 30Page - Texas Instruments TL16C752CIRHB Datasheet HTML 31Page - Texas Instruments TL16C752CIRHB Datasheet HTML 32Page - Texas Instruments TL16C752CIRHB Datasheet HTML 33Page - Texas Instruments TL16C752CIRHB Datasheet HTML 34Page - Texas Instruments TL16C752CIRHB Datasheet HTML 35Page - Texas Instruments TL16C752CIRHB Datasheet HTML 36Page - Texas Instruments TL16C752CIRHB Datasheet HTML 37Page - Texas Instruments TL16C752CIRHB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
www.ti.com
Modem Status Register (MSR)
Interrupt Enable Register (IER)
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
This 8-bit register provides information about the current state of the control lines from the modem, data set, or
peripheral device to the processor. It also indicates when a control input from the modem changes state.
Table 13 shows modem status register bit settings.
Table 13. Modem Status Register (MSR) Bit Settings(1)
BIT NO.
BIT SETTINGS
0
Indicates that CTS input (or MCR[1] in loopback) has changed state. Cleared on a read.
1
Indicates that DSR input (or MCR[0] in loopback) has changed state. Cleared on a read.
2
Indicates that RI input (or MCR[2] in loopback) has changed state from low to high. Cleared on a read.
3
Indicates that CD input (or MCR[3] in loopback) has changed state. Cleared on a read.
4
This bit is equivalent to MCR[1] during local loop-back mode. It is the complement to the CTS input.
5
This bit is equivalent to MCR[0] during local loop-back mode. It is the complement to the DSR input.
6
This bit is equivalent to MCR[2] during local loop-back mode. It is the complement to the RI input.
7
This bit is equivalent to MCR[3] during local loop-back mode. It is the complement to the CD input.
(1)
The primary inputs RI, CD, CTS, DSR are all active low but their registered equivalents in the MSR and MCR (in loopback) registers are
active high.
The interrupt enable register (IER) enables each of the six types of interrupt, receiver error, RHR interrupt, THR
interrupt, Xoff received, or CTS/RTS change of state from low to high. The INT output signal is activated in
response to interrupt generation. Table 14 shows interrupt enable register bit settings.
Table 14. Interrupt Enable Register (IER) Bit Settings(1)
BIT NO.
BIT SETTINGS
0 = Disable the RHR interrupt
0
1 = Enable the RHR interrupt
0 = Disable the THR interrupt
1
1 = Enable the THR interrupt
0 = Disable the receiver line status interrupt
2
1 = Enable the receiver line status interrupt
0 = Disable the modem status register interrupt
3
1 = Enable the modem status register interrupt
0 = Disable sleep mode
4
1 = Enable sleep mode
0 = Disable the Xoff interrupt
5
1 = Enable the Xoff interrupt
0 = Disable the RTS interrupt
6
1 = Enable the RTS interrupt
0 = Disable the CTS interrupt
7
1 = Enable the CTS interrupt
(1)
IER[7:4] can be modified only if EFR[4] is set, i.e., EFR[4] is a write enable.
Re-enabling IER[1] causes a new interrupt, if the THR is below the threshold.
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CIRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CIRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com